Electronic Components Datasheet Search
  English  ▼

X  

SPRUG09 Datasheet(PDF) 165 Page - Texas Instruments

Part # SPRUG09
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG09 Datasheet(HTML) 165 Page - Texas Instruments

Back Button SPRUG09 Datasheet HTML 161Page - Texas Instruments SPRUG09 Datasheet HTML 162Page - Texas Instruments SPRUG09 Datasheet HTML 163Page - Texas Instruments SPRUG09 Datasheet HTML 164Page - Texas Instruments SPRUG09 Datasheet HTML 165Page - Texas Instruments SPRUG09 Datasheet HTML 166Page - Texas Instruments SPRUG09 Datasheet HTML 167Page - Texas Instruments SPRUG09 Datasheet HTML 168Page - Texas Instruments SPRUG09 Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
Table 7-69. Timer 1 Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0292 0000
PID
Peripheral ID Register
0292 0004
EMUMGT_CLKSPD
Timer 1 Emulation Management/Clock Speed Register
0292 0008
-
Reserved
0292 000C
-
Reserved
0292 0010
TIMLO
Timer 1 Counter Register Low
0292 0014
TIMHI
Timer 1 Counter Register High
0292 0018
PRDLO
Timer 1 Period Register Low
0292 001C
PRDHI
Timer 1 Period Register High
0292 0020
TCR
Timer 1 Control Register
0292 0024
TGCR
Timer 1 Global Control Register
0292 0028
WDTCR
Timer 1 Watchdog Timer Control Register
0292 002C
-
Reserved
0292 0030
-
Reserved
0292 0034 - 0292 FFFF
-
Reserved
Table 7-70. Timer 2 Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0293 0000
PID
Peripheral ID Register
0293 0004
EMUMGT_CLKSPD
Timer 2 Emulation Management/Clock Speed Register
0293 0008
-
Reserved
0293 000C
-
Reserved
0293 0010
TIMLO
Timer 2 Counter Register Low
0293 0014
TIMHI
Timer 2 Counter Register High
0293 0018
PRDLO
Timer 2 Period Register Low
0293 001C
PRDHI
Timer 2 Period Register High
0293 0020
TCR
Timer 2 Control Register
0293 0024
TGCR
Timer 2 Global Control Register
0293 0028
WDTCR
Timer 2 Watchdog Timer Control Register
0293 002C
-
Reserved
0293 0030
-
Reserved
0293 0034 - 0293 FFFF
-
Reserved
Table 7-71. Timer 3 Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0294 0000
PID
Peripheral ID Register
0294 0004
EMUMGT_CLKSPD
Timer 3 Emulation Management/Clock Speed Register
0294 0008
-
Reserved
0294 000C
-
Reserved
0294 0010
TIMLO
Timer 3 Counter Register Low
0294 0014
TIMHI
Timer 3 Counter Register High
0294 0018
PRDLO
Timer 3 Period Register Low
0294 001C
PRDHI
Timer 3 Period Register High
0294 0020
TCR
Timer 3 Control Register
0294 0024
TGCR
Timer 3 Global Control Register
0294 0028
WDTCR
Timer 3 Watchdog Timer Control Register
0294 002C
-
Reserved
0294 0030
-
Reserved
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
165
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com