Electronic Components Datasheet Search
  English  ▼

X  

SPRUG09 Datasheet(PDF) 206 Page - Texas Instruments

Part # SPRUG09
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG09 Datasheet(HTML) 206 Page - Texas Instruments

Back Button SPRUG09 Datasheet HTML 202Page - Texas Instruments SPRUG09 Datasheet HTML 203Page - Texas Instruments SPRUG09 Datasheet HTML 204Page - Texas Instruments SPRUG09 Datasheet HTML 205Page - Texas Instruments SPRUG09 Datasheet HTML 206Page - Texas Instruments SPRUG09 Datasheet HTML 207Page - Texas Instruments SPRUG09 Datasheet HTML 208Page - Texas Instruments SPRUG09 Datasheet HTML 209Page - Texas Instruments SPRUG09 Datasheet HTML 210Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 214 page
background image
2
2
1
3
4
FSYNCCLK(N|P)
FRAMEBURST
2
2
1
3
4
ALTFSYNCCLK
ALTFSYNCPULSE
2
2
1
3
4
TRTCLK
TRT
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
7.23.2 FSYNC Electrical Data/Timing
Table 7-92. Timing Requirements for FSYNC
(see Figure 7-48, Figure 7-49, and Figure 7-50)
NO.
PARAMETER
MIN
MAX
UNIT
1
tc(FSCLK)
Cycle time
8.1388
ns
2
tc(FSCLK)
Pulse duration, ALTSYNCCLK high or low
0.4 tc(FSCLK)
0.6 tc(FSCLK)
ns
3
tu(FSPLS)
Setup time, ALTFSYNCPULSE high before ALTFSYNCCLK high
2
ns
4
th(FSPLS)
Hold time, ALTFSYNCPULSE low after ALTFSYNCCLK high
2
ns
5
tj(FSCLK)
Period Jitter (peak-to-peak) FSYNCCLK(N|P)
0.025 x tc
ns
Figure 7-48. FSYNC Clock and Synchronization Timing
Figure 7-49. Alternate FSYNC Clock and Synchronization Timing
Figure 7-50. TRT Clock and Synchronization Timing
206
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com