Electronic Components Datasheet Search
  English  ▼

X  

SPRUG22 Datasheet(PDF) 133 Page - Texas Instruments

Part # SPRUG22
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG22 Datasheet(HTML) 133 Page - Texas Instruments

Back Button SPRUG22 Datasheet HTML 129Page - Texas Instruments SPRUG22 Datasheet HTML 130Page - Texas Instruments SPRUG22 Datasheet HTML 131Page - Texas Instruments SPRUG22 Datasheet HTML 132Page - Texas Instruments SPRUG22 Datasheet HTML 133Page - Texas Instruments SPRUG22 Datasheet HTML 134Page - Texas Instruments SPRUG22 Datasheet HTML 135Page - Texas Instruments SPRUG22 Datasheet HTML 136Page - Texas Instruments SPRUG22 Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
7.10.2 DDR2 Memory Controller Peripheral Register Description(s)
The memory map of the DDR2 controller is shown in Table 7-37.
Table 7-37. DDR2 Memory Controller Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
7000 0000
MIDR
DDR2 Memory Controller Module and Revision Register
7000 0004
DMCSTAT
DDR2 Memory Controller Status Register
7000 0008
SDCFG
DDR2 Memory Controller SDRAM Configuration Register
7000 000C
SDRFC
DDR2 Memory Controller SDRAM Refresh Control Register
7000 0010
SDTIM1
DDR2 Memory Controller SDRAM Timing 1 Register
7000 0014
SDTIM2
DDR2 Memory Controller SDRAM Timing 2 Register
7000 0018
-
Reserved
7000 0020
BPRIO
DDR2 Memory Controller Burst Priority Register
7000 0024 - 7000 004C
-
Reserved
7000 0050 - 7000 0078
-
Reserved
7000 007C - 7000 00BC
-
Reserved
7000 00C0 - 7000 00E0
-
Reserved
7000 00E4
DMCCTL
DDR2 Memory Controller Control Register
7000 00E8 - 7000 00EC
-
Reserved
7000 00F0
DDR2IO
Control Register
DDR2 ODT control register is at 0x7000 00F0
Bits 1:0 are the ODT status, these bits are Read/Write
00 no termination
01 half termination
11 full termination
Bits 31:2 are Reserved
7000 00F4 - 7000 00FC
-
Reserved
7000 0100 - 7FFF FFFF
-
Reserved
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
133
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com