Electronic Components Datasheet Search
  English  ▼

X  

SPRUG22 Datasheet(PDF) 166 Page - Texas Instruments

Part # SPRUG22
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG22 Datasheet(HTML) 166 Page - Texas Instruments

Back Button SPRUG22 Datasheet HTML 162Page - Texas Instruments SPRUG22 Datasheet HTML 163Page - Texas Instruments SPRUG22 Datasheet HTML 164Page - Texas Instruments SPRUG22 Datasheet HTML 165Page - Texas Instruments SPRUG22 Datasheet HTML 166Page - Texas Instruments SPRUG22 Datasheet HTML 167Page - Texas Instruments SPRUG22 Datasheet HTML 168Page - Texas Instruments SPRUG22 Datasheet HTML 169Page - Texas Instruments SPRUG22 Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
Table 7-71. Timer 3 Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0294 0034 - 0294 FFFF
-
Reserved
Table 7-72. Timer 4 Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0295 0000
PID
Peripheral ID Register
0295 0004
EMUMGT_CLKSPD
Timer 4 Emulation Management/Clock Speed Register
0295 0008
-
Reserved
0295 000C
-
Reserved
0295 0010
TIMLO
Timer 4 Counter Register Low
0295 0014
TIMHI
Timer 4 Counter Register High
0295 0018
PRDLO
Timer 4 Period Register Low
0295 001C
PRDHI
Timer 4 Period Register High
0295 0020
TCR
Timer 4 Control Register
0295 0024
TGCR
Timer 4 Global Control Register
0295 0028
WDTCR
Timer 4 Watchdog Timer Control Register
0295 002C
-
Reserved
0295 0030
-
Reserved
0295 0034 - 0295 FFFF
-
Reserved
Table 7-73. Timer 5 Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0296 0000
PID
Peripheral ID Register
0296 0004
EMUMGT_CLKSPD
Timer 5 Emulation Management/Clock Speed Register
0296 0008
-
Reserved
0296 000C
-
Reserved
0296 0010
TIMLO
Timer 5 Counter Register Low
0296 0014
TIMHI
Timer 5 Counter Register High
0296 0018
PRDLO
Timer 5 Period Register Low
0296 001C
PRDHI
Timer 5 Period Register High
0296 0020
TCR
Timer 5 Control Register
0296 0024
TGCR
Timer 5 Global Control Register
0296 0028
WDTCR
Timer 5 Watchdog Timer Control Register
0296 002C
-
Reserved
0296 0030
-
Reserved
0296 0034 - 0296 FFFF
-
Reserved
Table 7-74. Timer Device-Specific Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0290 0000
TINPSEL
Timer Input Selection
0290 0004
TOUTPSEL
Timer Output Selection
0290 0008
WDRSTSEL
Watchdog Timer Reset Select
166
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com