Electronic Components Datasheet Search
  English  ▼

X  

SPRUG22 Datasheet(PDF) 192 Page - Texas Instruments

Part # SPRUG22
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG22 Datasheet(HTML) 192 Page - Texas Instruments

Back Button SPRUG22 Datasheet HTML 188Page - Texas Instruments SPRUG22 Datasheet HTML 189Page - Texas Instruments SPRUG22 Datasheet HTML 190Page - Texas Instruments SPRUG22 Datasheet HTML 191Page - Texas Instruments SPRUG22 Datasheet HTML 192Page - Texas Instruments SPRUG22 Datasheet HTML 193Page - Texas Instruments SPRUG22 Datasheet HTML 194Page - Texas Instruments SPRUG22 Datasheet HTML 195Page - Texas Instruments SPRUG22 Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
7.22 Antenna Interface Subsystem
The Antenna Interface Subsystem (AIF) consists of the Antenna Interface module and two SERDES
macros. The AIF relies on the performance SerDes macro (high-speed serial link) with a logic layer for the
OBSAI RP3 and CPRI protocols. The AIF is used to connect to the backplane for transmission and
reception of antenna data, as well as to additional device peripherals.
The AIF supports OBSAI/CPRI daisy chaining between DSPs:
•
OBSAI - 768Mbps, 1.536Gbps, 3.072Gbps link rates supported
•
CPRI - 614.4Mbps, 1.2288Gbps, 2.4576Gbps link rates supported
OBSAI and CPRI standards compliant antenna interface
•
6 configurable (Full Duplex) high-speed serial links in either OBSAI or CPRI modes that can support a
variety of data rates:
•
Supports star or daisy chain topologies.
•
Each link can be used for uplink or downlink.
•
Multiple slower links can be combined into faster speed links.
•
Controls Word content supplied via DSP software.
The AIF is a slave peripheral, accepting all transactions from the DMA switch fabric, providing uplink data
to device memory and transmitting downlink, delayed stream, and PIC data from device memory. Each
link of the antenna interface includes a differential receive and transmit signal pair.
Table 7-88. AIF Receive and Transmit Signal Pairs
PIN NAMES
I/O
NUMBER
DESCRIPTION
AIFTXN [5:0]
OUT
6
Antenna Interface Links 0-5 Transmit (Neg) Data Lines.
AIFTXP [5:0]
OUT
6
Antenna Interface Links 0-5 Transmit (Pos) Data Lines.
AIFRXN [5:0]
IN
6
Antenna Interface Links 0-5 Receive (Neg) Data Lines.
AIFRXP [5:0]
IN
6
Antenna Interface Links 0-5 Receive (Pos) Data Lines.
7.22.1 Antenna Interface System (AIF) Register Description(s)
Table 7-89. Antenna Interface System Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
02BC 0000
AIF_PD
AI Peripheral ID
02BC 0004
AIF_GLOBAL_CFG
AI Global Configuration
02BC 0008
AIF_EMU_CNTL
AI Emulation Control
02BC 000C
VC_BUS_ERR
VC Bus Error Register
02BC 0010 - 02BC 2FFC
-
Reserved
02BC 3000
CD_OUT_MUX_SEL_CFG
Combiner - Decombiner Output Mux Select Config
Register 0
02BC 3004
CD_CB_SRC_SEL_CFG
Combiner Source Select Config Register
02BC 3008
CD_CB_OFFSET_CFG
Combiner Alignment Offset Config Register
02BC 300C
CD_CB_VALID_WIND_CFG
Combiner Valid Window Config Register
02BC 3010
CD_DC_SRC_SEL_CFG
Decombiner Source Select Config Register
02BC 3014
CD_DC_DST_SEL_CFG
Decombiner Destination Select Config Register
02BC 3018 - 02BC 307C
-
Reserved
02BC 3080
CD_STS
Combiner - Decombiner Status Register
02BC 3084 - 02BC 3FFC
-
Reserved
02BC 4000
LINK0_CFG
Link 0 Configuration Register
02BC 4004 - 02BC 47FC
-
Reserved
02BC 4800
LINK1_CFG
Link 1 Configuration Register
192
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com