Electronic Components Datasheet Search
  English  ▼

X  

LM741CH Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM741CH
Description  LM741 Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM741CH Datasheet(HTML) 1 Page - Texas Instruments

  LM741CH Datasheet HTML 1Page - Texas Instruments LM741CH Datasheet HTML 2Page - Texas Instruments LM741CH Datasheet HTML 3Page - Texas Instruments LM741CH Datasheet HTML 4Page - Texas Instruments LM741CH Datasheet HTML 5Page - Texas Instruments LM741CH Datasheet HTML 6Page - Texas Instruments LM741CH Datasheet HTML 7Page - Texas Instruments LM741CH Datasheet HTML 8Page - Texas Instruments LM741CH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM741
www.ti.com
SNOSC25C – MAY 1998 – REVISED MARCH 2013
LM741 Operational Amplifier
Check for Samples: LM741
1
FEATURES
DESCRIPTION
The LM741 series are general purpose operational
2
Overload Protection on the Input and Output
amplifiers which feature improved performance over
No Latch-Up When the Common Mode Range
industry standards like the LM709. They are direct,
is Exceeded
plug-in replacements for the 709C, LM201, MC1439
and 748 in most applications.
The amplifiers offer many features which make their
application nearly foolproof: overload protection on
the input and output, no latch-up when the common
mode range is exceeded, as well as freedom from
oscillations.
The LM741C is identical to the LM741/LM741A
except that the LM741C has their performance
ensured over a 0°C to +70°C temperature range,
instead of
−55°C to +125°C.
Connection Diagrams
LM741H is available per JM38510/10101
Figure 1. TO-99 Package
Figure 2. CDIP or PDIP Package
See Package Number LMC0008C
See Package Number NAB0008A, P0008E
Figure 3. CLGA Package
See Package Number NAD0010A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM741CH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM741CH NSC-LM741CH Datasheet
213Kb / 8P
Operational Amplifier
May 1998
logo
Texas Instruments
LM741CH TI1-LM741CH Datasheet
815Kb / 18P
Operational Amplifier
LM741CH TI1-LM741CH Datasheet
746Kb / 15P
Operational Amplifier
logo
National Semiconductor ...
LM741CH NSC-LM741CH Datasheet
180Kb / 7P
Operational Amplifier
August 2000
logo
Texas Instruments
LM741CH/NOPB TI1-LM741CH/NOPB Datasheet
815Kb / 18P
Operational Amplifier
More results

Similar Description - LM741CH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
OPERATIONAL AMPLIFIER
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com