Electronic Components Datasheet Search
  English  ▼

X  

LM741H/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM741H/NOPB
Description  LM741 Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM741H/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM741H/NOPB Datasheet HTML 1Page - Texas Instruments LM741H/NOPB Datasheet HTML 2Page - Texas Instruments LM741H/NOPB Datasheet HTML 3Page - Texas Instruments LM741H/NOPB Datasheet HTML 4Page - Texas Instruments LM741H/NOPB Datasheet HTML 5Page - Texas Instruments LM741H/NOPB Datasheet HTML 6Page - Texas Instruments LM741H/NOPB Datasheet HTML 7Page - Texas Instruments LM741H/NOPB Datasheet HTML 8Page - Texas Instruments LM741H/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LM741
SNOSC25C – MAY 1998 – REVISED MARCH 2013
www.ti.com
Typical Application
Figure 4. Offset Nulling Circuit
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
LM741A
LM741
LM741C
Supply Voltage
±22V
±22V
±18V
Power Dissipation (4)
500 mW
500 mW
500 mW
Differential Input Voltage
±30V
±30V
±30V
Input Voltage (5)
±15V
±15V
±15V
Output Short Circuit Duration
Continuous
Continuous
Continuous
Operating Temperature Range
−55°C to +125°C
−55°C to +125°C
0°C to +70°C
Storage Temperature Range
−65°C to +150°C
−65°C to +150°C
−65°C to +150°C
Junction Temperature
150°C
150°C
100°C
Soldering Information
P0008E-Package (10 seconds)
260°C
260°C
260°C
NAB0008A- or LMC0008C-Package (10 seconds)
300°C
300°C
300°C
M-Package
Vapor Phase (60 seconds)
215°C
215°C
215°C
Infrared (15 seconds)
215°C
215°C
215°C
ESD Tolerance (6)
400V
400V
400V
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.
(2)
For military specifications see RETS741X for LM741 and RETS741AX for LM741A.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
For operation at elevated temperatures, these devices must be derated based on thermal resistance, and Tj max. (listed under “Absolute
Maximum Ratings”). Tj = TA + (θjA PD).
(5)
For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
(6)
Human body model, 1.5 k
Ω in series with 100 pF.
Electrical Characteristics
(1)
LM741A
LM741
LM741C
Parameter
Test Conditions
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
TA = 25°C
RS ≤ 10 kΩ
1.0
5.0
2.0
6.0
mV
RS ≤ 50Ω
0.8
3.0
TAMIN ≤ TA ≤ TAMAX
RS ≤ 50Ω
4.0
mV
RS ≤ 10 kΩ
6.0
7.5
Average Input Offset Voltage
15
μV/°C
Drift
(1)
Unless otherwise specified, these specifications apply for VS = ±15V, −55°C ≤ TA ≤ +125°C (LM741/LM741A). For the LM741C/LM741E,
these specifications are limited to 0°C
≤ TA ≤ +70°C.
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM741


Similar Part No. - LM741H/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM741H/NOPB TI1-LM741H/NOPB Datasheet
815Kb / 18P
Operational Amplifier
LM741H/NOPB TI1-LM741H/NOPB Datasheet
746Kb / 15P
Operational Amplifier
More results

Similar Description - LM741H/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
OPERATIONAL AMPLIFIER
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com