Electronic Components Datasheet Search
  English  ▼

X  

LM741H/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM741H/NOPB
Description  LM741 Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM741H/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM741H/NOPB Datasheet HTML 1Page - Texas Instruments LM741H/NOPB Datasheet HTML 2Page - Texas Instruments LM741H/NOPB Datasheet HTML 3Page - Texas Instruments LM741H/NOPB Datasheet HTML 4Page - Texas Instruments LM741H/NOPB Datasheet HTML 5Page - Texas Instruments LM741H/NOPB Datasheet HTML 6Page - Texas Instruments LM741H/NOPB Datasheet HTML 7Page - Texas Instruments LM741H/NOPB Datasheet HTML 8Page - Texas Instruments LM741H/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LM741
SNOSC25C – MAY 1998 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
(1) (continued)
LM741A
LM741
LM741C
Parameter
Test Conditions
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
LM741A
VS = ±20V
TA = TAMIN
165
mW
TA = TAMAX
135
LM741
VS = ±15V
TA = TAMIN
60
100
mW
TA = TAMAX
45
75
Thermal Resistance
CDIP (NAB0008A)
PDIP (P0008E)
TO-99 (LMC0008C)
SO-8 (M)
θjA (Junction to Ambient)
100°C/W
100°C/W
170°C/W
195°C/W
θjC (Junction to Case)
N/A
N/A
25°C/W
N/A
SCHEMATIC DIAGRAM
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM741


Similar Part No. - LM741H/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM741H/NOPB TI1-LM741H/NOPB Datasheet
815Kb / 18P
[Old version datasheet]   Operational Amplifier
LM741H/NOPB TI1-LM741H/NOPB Datasheet
746Kb / 15P
[Old version datasheet]   Operational Amplifier
More results

Similar Description - LM741H/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com