Electronic Components Datasheet Search
  English  ▼

X  

PIC16F690IP Datasheet(PDF) 179 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 179 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 175Page - Microchip Technology PIC16F690IP Datasheet HTML 176Page - Microchip Technology PIC16F690IP Datasheet HTML 177Page - Microchip Technology PIC16F690IP Datasheet HTML 178Page - Microchip Technology PIC16F690IP Datasheet HTML 179Page - Microchip Technology PIC16F690IP Datasheet HTML 180Page - Microchip Technology PIC16F690IP Datasheet HTML 181Page - Microchip Technology PIC16F690IP Datasheet HTML 182Page - Microchip Technology PIC16F690IP Datasheet HTML 183Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 177
PIC16F631/677/685/687/689/690
12.5
EUSART Operation During Sleep
The EUSART WILL remain active during Sleep only in
the Synchronous Slave mode. All other modes require
the system clock and therefore cannot generate the
necessary signals to run the Transmit or Receive Shift
registers during Sleep.
Synchronous Slave mode uses an externally generated
clock to run the Transmit and Receive Shift registers.
12.5.1
SYNCHRONOUS RECEIVE DURING
SLEEP
To receive during Sleep, all the following conditions
must be met before entering Sleep mode:
• RCSTA and TXSTA Control registers must be
configured for Synchronous Slave Reception (see
Section 12.4.2.4 “Synchronous Slave
Reception Set-up:”).
• If interrupts are desired, set the RCIE bit of the
PIE1 register and the GIE and PEIE bits of the
INTCON register.
• The RCIF interrupt flag must be cleared by read-
ing RCREG to unload any pending characters in
the receive buffer.
Upon entering Sleep mode, the device will be ready to
accept data and clocks on the RX/DT and TX/CK pins,
respectively. When the data word has been completely
clocked in by the external device, the RCIF interrupt
flag bit of the PIR1 register will be set. Thereby, waking
the processor from Sleep.
Upon waking from Sleep, the instruction following the
SLEEP
instruction will be executed. If the GIE Global
Interrupt Enable bit of the INTCON register is also set,
then the Interrupt Service Routine at address 004h will
be called.
12.5.2
SYNCHRONOUS TRANSMIT
DURING SLEEP
To transmit during Sleep, all the following conditions
must be met before entering Sleep mode:
• RCSTA and TXSTA Control registers must be
configured for Synchronous Slave Transmission
(see Section 12.4.2.2 “Synchronous Slave
Transmission Set-up:”).
• The TXIF interrupt flag must be cleared by writing
the output data to the TXREG, thereby filling the
TSR and transmit buffer.
9.
If interrupts are desired, set the TXIE bit of the
PIE1 register and the PEIE bit of the INTCON
register.
• Interrupt enable bits TXIE of the PIE1 register and
PEIE of the INTCON register must set.
Upon entering Sleep mode, the device will be ready to
accept clocks on TX/CK pin and transmit data on the
RX/DT pin. When the data word in the TSR has been
completely clocked out by the external device, the
pending byte in the TXREG will transfer to the TSR and
the TXIF flag will be set. Thereby, waking the processor
from Sleep. At this point, the TXREG is available to
accept another character for transmission, which will
clear the TXIF flag.
Upon waking from Sleep, the instruction following the
SLEEP
instruction will be executed. If the GIE Global
Interrupt Enable bit is also set then the Interrupt
Service Routine at address 0004h will be called.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com