Electronic Components Datasheet Search
  English  ▼

X  

SE8 Datasheet(PDF) 380 Page - Microchip Technology

Part # SE8
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE8 Datasheet(HTML) 380 Page - Microchip Technology

Back Button SE8 Datasheet HTML 376Page - Microchip Technology SE8 Datasheet HTML 377Page - Microchip Technology SE8 Datasheet HTML 378Page - Microchip Technology SE8 Datasheet HTML 379Page - Microchip Technology SE8 Datasheet HTML 380Page - Microchip Technology SE8 Datasheet HTML 381Page - Microchip Technology SE8 Datasheet HTML 382Page - Microchip Technology SE8 Datasheet HTML 383Page - Microchip Technology SE8 Datasheet HTML 384Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 380
 2010-2012 Microchip Technology Inc.
BCF
Bit Clear f
Syntax:
[ label ] BCF
f,b
Operands:
0
 f  127
0
 b  7
Operation:
0  (f<b>)
Status Affected:
None
Description:
Bit ‘b’ in register ‘f’ is cleared.
BRA
Relative Branch
Syntax:
[ label ] BRA label
[ label ] BRA $+k
Operands:
-256
 label - PC + 1  255
-256
 k  255
Operation:
(PC) + 1 + k
 PC
Status Affected:
None
Description:
Add the signed 9-bit literal ‘k’ to the
PC. Since the PC will have incre-
mented to fetch the next instruction,
the new address will be PC + 1 + k.
This instruction is a two-cycle instruc-
tion. This branch has a limited range.
BRW
Relative Branch with W
Syntax:
[ label ] BRW
Operands:
None
Operation:
(PC) + (W)
 PC
Status Affected:
None
Description:
Add the contents of W (unsigned) to
the PC. Since the PC will have incre-
mented to fetch the next instruction,
the new address will be PC + 1 + (W).
This instruction is a two-cycle instruc-
tion.
BSF
Bit Set f
Syntax:
[ label ] BSF
f,b
Operands:
0
 f  127
0
 b  7
Operation:
1  (f<b>)
Status Affected:
None
Description:
Bit ‘b’ in register ‘f’ is set.
BTFSC
Bit Test f, Skip if Clear
Syntax:
[ label ] BTFSC f,b
Operands:
0
 f  127
0
 b  7
Operation:
skip if (f<b>) = 0
Status Affected:
None
Description:
If bit ‘b’ in register ‘f’ is ‘1’, the next
instruction is executed.
If bit ‘b’, in register ‘f’, is ‘0’, the next
instruction is discarded, and a NOP is
executed instead, making this a
2-cycle instruction.
BTFSS
Bit Test f, Skip if Set
Syntax:
[ label ] BTFSS f,b
Operands:
0
 f  127
0
 b < 7
Operation:
skip if (f<b>) = 1
Status Affected:
None
Description:
If bit ‘b’ in register ‘f’ is ‘0’, the next
instruction is executed.
If bit ‘b’ is ‘1’, then the next
instruction is discarded and a NOP is
executed instead, making this a
2-cycle instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com