| Electronic Components Datasheet Search |
|
SE9 Datasheet(PDF) 257 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SE9 Datasheet(HTML) 257 Page - Microchip Technology |
|
257 / 478 page ![]() 2010-2012 Microchip Technology Inc. DS41414D-page 257 PIC16(L)F1946/47 24.4.5 START CONDITION The I2C specification defines a Start condition as a transition of SDAx from a high to a low state while SCLx line is high. A Start condition is always gener- ated by the master and signifies the transition of the bus from an Idle to an Active state. Figure 24-10 shows wave forms for Start and Stop conditions. A bus collision can occur on a Start condition if the module samples the SDAx line low before asserting it low. This does not conform to the I2C Specification that states no bus collision can occur on a Start. 24.4.6 STOP CONDITION A Stop condition is a transition of the SDAx line from low-to-high state while the SCLx line is high. 24.4.7 RESTART CONDITION A Restart is valid any time that a Stop would be valid. A master can issue a Restart if it wishes to hold the bus after terminating the current transfer. A Restart has the same effect on the slave that a Start would, resetting all slave logic and preparing it to clock in an address. The master may want to address the same or another slave. In 10-bit Addressing Slave mode a Restart is required for the master to clock data out of the addressed slave. Once a slave has been fully addressed, match- ing both high and low address bytes, the master can issue a Restart and the high address byte with the R/W bit set. The slave logic will then hold the clock and prepare to clock out data. After a full match with R/W clear in 10-bit mode, a prior match flag is set and maintained. Until a Stop condi- tion, a high address with R/W clear, or high address match fails. 24.4.8 START/STOP CONDITION INTERRUPT MASKING The SCIE and PCIE bits of the SSPxCON3 register can enable the generation of an interrupt in Slave modes that do not typically support this function. Slave modes where interrupt on Start and Stop detect are already enabled, these bits will have no effect. FIGURE 24-12: I2C START AND STOP CONDITIONS FIGURE 24-13: I2C RESTART CONDITION Note: At least one SCLx low time must appear before a Stop is valid, therefore, if the SDAx line goes low then high again while the SCLx line stays high, only the Start condition is detected. SDAx SCLx P Stop Condition S Start Condition Change of Data Allowed Change of Data Allowed Restart Condition Sr Change of Data Allowed Change of Data Allowed |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |