Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 102 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 102 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 98Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 99Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 100Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 101Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 102Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 103Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 104Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 105Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 106Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 226 page
background image
Rev. 1.00
10� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
SPSTA Register
SFR Address: E1h
Bit
7
6
5
4
3
2
1
0
Name
SPIF
WCOL
SSERR
�ODF
—
—
—
—
R/W
R/W
R/W
R/W
R/W
—
—
—
—
POR
0
0
0
0
—
—
—
—
Bit 7
SPIF: SPI Transmit/Receive Complete flag
0: Data is being transferred
1: SPI data transmission completed
The SPIF bit is the Transmit/Receive Complete flag and is set high automatically when
an SPI data transmission is completed, it must be cleared using the application program.
The SPIF bit can be also cleared by hardware when the data transfer is in progress. It
can also be used to generate an interrupt.
Bit 6
WCOL: SPI Write Collision flag
0: No collision
1: Collision
The WCOL flag is used to detect if a data collision has occurred. If this bit is high it
means that data has been attempted to be written to the SPDAT register during a data
transfer operation. An SPI interrupt will occur if the SPI interrupt function is enabled.
This write operation will be ignored if data is being transferred. It must be cleared using
the application program.
Bit 5
SSERR: Synchronous Serial Slave Error Flag
0: No error
1: Error
This bit is set by hardware when the SSN pin input is selected to disable the Slave
device status while the receive sequence is incomplete. A SPI interrupt will occur if the
SPI interrupt function is enabled. This bit will be cleared by disabling the SPI module,
clearing the SPEN bit in the SPCON register.
Bit 4
MODF: SPI Master/Slave Mode Mismatch Flag
0: No Mismatch
1: Mismatch
This bit is set by hardware when the Slave Select SSN pin level conflicts with actual
Master/Slave mode of the SPI Master controller which is configured as a master while
externally selected as a slave. A SPI interrupt will occur if the SPI interrupt function is
enabled. It must be cleared using the application program.
Bit 3~0
Unimplemented, read as "0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com