Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 141 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 141 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 137Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 138Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 139Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 140Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 141Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 142Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 143Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 144Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 145Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 226 page
background image
Rev. 1.00
141 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Timer 2
Timer 2 is a 16-bit wide count-up counter which is driven by a user selectable internal or external
clock source. The counter is composed of two registers, TL2 and TH2, to implement the Timer,
event counter and gated timer functions. The clock source is decided by the bits T2I1 and T2I0 in
the T2CON register.
Timer function
To select this function, bits T2I1 and T2I0 in the T2CON register, should be set to “01” respectively.
The value in the Timer 2 registers, TL2 and TH2, increases by one each time an internal clock
pulse is received. The count rate is derived from the “fSYS”. The prescaler can be managed by
the T2PRE1 and T2PRE0 bits in the TMPRE register. When the timer counter is overflowed, an
interrupt will take place and the interrupt request flag, TF2, will be set to high.
Event Counter function
To select this function, bits T2I1 and T2I0 in the T2CON register, should be set to “10” respectively.
The value in the Timer 2 registers, TL2 and TH2, increases by one each time a falling edge occurs
on the external timer pin, T2. When the timer counter is overflowed, an interrupt will take place
and the interrupt request flag, TF2, will be set to high. The maximum count rate is 1/4 of the
system clock frequency.
Gated Timer function
To select this function, bits T2I1 and T2I0 in the T2CON register, should be set to “11” respectively.
The value in the Timer 2 registers, TL2 and TH2, increases by one each time an internal clock
pulse is received. The count rate is derived from the “fSYS” and the prescaler can be managed by
the T2PRE1 and T2PRE0 bits in the TMPRE register. The external timer pin, T2, can be a gate to
the Timer 2 input. When the T2 pin is set high, the Timer 2 keeps counting and when the Timer 2
is cleared to low, the Timer 2 will be stopped. The T2 input signal will be sampled once by every
internal system clock. When the timer counter is overflowed, an interrupt will take place and the
interrupt request flag, TF2, will be set to high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com