Electronic Components Datasheet Search
  English  ▼

X  

HT85F2270 Datasheet(PDF) 165 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 165 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 161Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 162Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 163Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 164Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 165Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 166Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 167Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 168Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 169Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 226 page
background image
Rev. 1.00
16� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
DACOUT
VOL
Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
000
D11
D11B D11B D11B D11B D11B D11B D11B
D10
D9
D8
D7
001
D11
D11B D11B D11B D11B D11B D11B
D10
D9
D8
D7
D6
010
D11
D11B D11B D11B D11B D11B
D10
D9
D8
D7
D6
D�
011
D11
D11B D11B D11B D11B
D10
D9
D8
D7
D6
D�
D4
100
D11
D11B D11B D11B
D10
D9
D8
D7
D6
D�
D4
D�
101
D11
D11B D11B
D10
D9
D8
D7
D6
D�
D4
D�
D�
110
D11
D11B
D10
D9
D8
D7
D6
D�
D4
D�
D�
D1
111
D11
D10
D9
D8
D7
D6
D�
D4
D�
D�
D1
D0
Bit 4~2
Unimplemented, read as “0”
Bit 1
VREFDS: DAC reference voltage select bit
0: VCCA2 external power supply pin
1: Externally supplied on VREF pin or internal voltage reference generator
Bit 0
DACEN: DAC enable control bit
0: Disable
1: Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com