Electronic Components Datasheet Search
  English  ▼

X  

TPS61042DRBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61042DRBR
Description  CONSTANT CURRENT LED DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61042DRBR Datasheet(HTML) 4 Page - Texas Instruments

  TPS61042DRBR Datasheet HTML 1Page - Texas Instruments TPS61042DRBR Datasheet HTML 2Page - Texas Instruments TPS61042DRBR Datasheet HTML 3Page - Texas Instruments TPS61042DRBR Datasheet HTML 4Page - Texas Instruments TPS61042DRBR Datasheet HTML 5Page - Texas Instruments TPS61042DRBR Datasheet HTML 6Page - Texas Instruments TPS61042DRBR Datasheet HTML 7Page - Texas Instruments TPS61042DRBR Datasheet HTML 8Page - Texas Instruments TPS61042DRBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
www.ti.com
SW
8
OVP
7
GND
6
CTRL
5
LED
DRB PACKAGE
(TOP VIEW)
1
RS 2
VIN 3
FB 4
Exposed
Thermal
Die Pad
TPS61042
SLVS441C – DECEMBER 2002 – REVISED MARCH 2007
The exposed thermal die pad is connected to GND.
Terminal Functions
TERMINAL NAME NO.
I/O
DESCRIPTION
Combined enable and PWM control pin. If CTRL is constantly pulled high, the device is enabled and the
CTRL
5
I
internal LED switch (Q2) is constantly turned on. When CTRL is pulled to GND, the device is disabled.
Apply a PWM signal (100 Hz to 50 kHz) to this pin to control the brightness of the LEDs
FB
4
I
Feedback. FB regulates the LED current through the sense resistor by regulating the voltage across RS to
252 mV.
GND
6
GND
LED
1
I
Input of the LED switch (Q2). Connect the LEDs to this pin.
OVP
7
I
Overvoltage protection. OVP is connected to the output capacitor of the converter.
RS
2
O
Output of the internal LED switch. The sense resistor that programs the LED current is connected to RS.
SW
8
I
Drain of the integrated switch (Q1)
VIN
3
I
Input supply pin.
4
Submit Documentation Feedback


Similar Part No. - TPS61042DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042DRBR TI1-TPS61042DRBR Datasheet
713Kb / 27P
CONSTANT CURRENT LED DRIVER
TPS61042DRBRG4 TI1-TPS61042DRBRG4 Datasheet
713Kb / 27P
CONSTANT CURRENT LED DRIVER
More results

Similar Description - TPS61042DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
CONSTANT CURRENT LED DRIVER
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
CONSTANT CURRENT LED DRIVER
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
Constant Current LED Driver
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
Constant Current LED Driver.
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
Constant Current LED Driver
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
Constant Current LED Driver
2016/09/23
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
Constant Current LED Driver
2016/09/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com