Electronic Components Datasheet Search
  English  ▼

X  

TPS61042DRBR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61042DRBR
Description  CONSTANT CURRENT LED DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61042DRBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61042DRBR Datasheet HTML 3Page - Texas Instruments TPS61042DRBR Datasheet HTML 4Page - Texas Instruments TPS61042DRBR Datasheet HTML 5Page - Texas Instruments TPS61042DRBR Datasheet HTML 6Page - Texas Instruments TPS61042DRBR Datasheet HTML 7Page - Texas Instruments TPS61042DRBR Datasheet HTML 8Page - Texas Instruments TPS61042DRBR Datasheet HTML 9Page - Texas Instruments TPS61042DRBR Datasheet HTML 10Page - Texas Instruments TPS61042DRBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
www.ti.com
VI - Input Voltage - V
0
5
10
15
20
25
30
35
40
45
50
1.8
2.4
3.0
3.6
4.2
4.8
5.4
6.0
TA = 25°C
TA = - 40°C
TA = 85°C
TA - Free-Air Temperature - °C
240
242
244
246
248
250
252
254
256
258
260
- 40
- 15
10
35
60
85
VCC = 3.7 V
TA - Free-Air Temperature - °C
- 60
- 40
- 20
0
20
40
60
- 40
- 15
10
35
60
85
VCC = 3.6 V
VCC = 2.4 V
VCC = 5 V
200
250
300
350
400
450
500
−40
−15
10
35
60
85
TA − Free-Air Temperature − °C
VCC = 3.6 V
0
100
200
300
400
500
600
1.8
2.4
3.0
3.6
4.2
4.8
5.4
6.0
VI − Input Voltage − V
TA = 27°C
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
- 40
- 15
10
35
60
85
TA - Free-Air Temperature - °C
VCC = 3.6 V
TPS61042
SLVS441C – DECEMBER 2002 – REVISED MARCH 2007
Operating Quiescent Current into VIN
Feedback Voltage
vs
vs
Input Voltage and Temperature
Temperature
Figure 4.
Figure 5.
Feedback Current
rds(on) Main Switch (Q1)
vs
vs
Temperature
Temperature
Figure 6.
Figure 7.
rds(ON) Main Switch (Q1)
rds(on) LED Switch (Q2)
vs
vs
Input Voltage
Temperature
Figure 8.
Figure 9.
7
Submit Documentation Feedback


Similar Part No. - TPS61042DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042DRBR TI1-TPS61042DRBR Datasheet
713Kb / 27P
CONSTANT CURRENT LED DRIVER
TPS61042DRBRG4 TI1-TPS61042DRBRG4 Datasheet
713Kb / 27P
CONSTANT CURRENT LED DRIVER
More results

Similar Description - TPS61042DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
CONSTANT CURRENT LED DRIVER
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
CONSTANT CURRENT LED DRIVER
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
Constant Current LED Driver
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
Constant Current LED Driver.
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
Constant Current LED Driver
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
Constant Current LED Driver
2016/09/23
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
Constant Current LED Driver
2016/09/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com