Electronic Components Datasheet Search
  English  ▼

X  

TPS61042DRBR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61042DRBR
Description  CONSTANT CURRENT LED DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61042DRBR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61042DRBR Datasheet HTML 5Page - Texas Instruments TPS61042DRBR Datasheet HTML 6Page - Texas Instruments TPS61042DRBR Datasheet HTML 7Page - Texas Instruments TPS61042DRBR Datasheet HTML 8Page - Texas Instruments TPS61042DRBR Datasheet HTML 9Page - Texas Instruments TPS61042DRBR Datasheet HTML 10Page - Texas Instruments TPS61042DRBR Datasheet HTML 11Page - Texas Instruments TPS61042DRBR Datasheet HTML 12Page - Texas Instruments TPS61042DRBR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
www.ti.com
DETAILED DESCRIPTION
Operation
Boost Converter
Peak Current Control (Boost Converter)
I
P(typ) +
I
(LIM) )
V
I
L
100 ns
I
P(typ) +
500 mA )
V
I
L
100 ns
Softstart
TPS61042
SLVS441C – DECEMBER 2002 – REVISED MARCH 2007
The TPS61042 operates like a standard boost converter but regulates the voltage across the sense resistor (RS)
instead of the output voltage. This gives an accurate regulated LED current independent of the input voltage and
number of LEDs connected. With integrated overvoltage protection (OVP) the TPS61042 is configured as a
current source with overvoltage protection ideally suited to drive LEDs. With the 30V internal switch, the device
can generate output voltages of up to 27.5 V and has an internal 500mA MOSFET switch (Q1). This allows
several LEDs to be connected in series to the output. The internal LED switch (Q2) in series with the LEDs has
a maximum current rating of 60 mA and disconnects the LEDs from ground during shutdown. The LED switch is
driven by a PWM signal applied to the control pin (CTRL), which directly controls the LED brightness. With this
control method the LED brightness depends on the PWM duty cycle only and is independent of the PWM
frequency and amplitude.
The boost converter operates in a pulse frequency modulation (PFM) scheme with constant peak current control.
This control scheme maintains high efficiency over the entire load current range and with a switching frequency
of up to 1 MHz, enables the use of small external components. The converter monitors the sense voltage across
RS with the feedback pin (FB) and, when the feedback voltage falls below the reference voltage (252 mV typ),
the main switch turns on and the current ramps up. The main switch turns off when the inductor current reaches
the internally set peak current of 500 mA (typ). Refer to the peak current control section for more information.
The second criteria that turns off the main switch is the maximum on-time of 6 µs (typ). This limits the maximum
on-time of the converter in extreme conditions. As the switch is turned off the external Schottky diode is forward
biased, delivering the stored inductor energy to the output. The main switch remains off until the minimum off
time of 400 ns (typ) has passed and the feedback voltage is below the reference voltage again. Using this PFM
peak current control scheme, the converter operates in discontinuous conduction mode (DCM) where the
switching frequency depends on the inductor, input and output voltage, and LED current. Lower LED currents
reduce the switching frequency, which results in high efficiency over the entire LED current range. This
regulation scheme is inherently stable, allowing a wide range for the selection of the inductor and output
capacitor.
The internal switch is turned on until the inductor current reaches the DC current limit (ILIM) of 500 mA (typ) .
Due to the internal current limit delay of 100 ns (typ) the actual current exceeds the DC current limit threshold by
a small amount. The typical peak current limit can be calculated:
The higher the input voltage and the lower the inductor value, the greater the current limit overshoot.
All inductive step-up converters exhibit high in-rush current during start-up if no special precautions are taken.
This can cause voltage drops at the input rail during start-up, which may result in an unwanted or premature
system shutdown.
The TPS61042 limits this in-rush current during start-up by increasing the current limit in two steps starting from
ILIM/4 for 256 switch cycles to ILIM/2 for the next 256 switch cycles and then full current limit. See Figure 12 for
typical start-up behavior.
9
Submit Documentation Feedback


Similar Part No. - TPS61042DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042DRBR TI1-TPS61042DRBR Datasheet
713Kb / 27P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
TPS61042DRBRG4 TI1-TPS61042DRBRG4 Datasheet
713Kb / 27P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
More results

Similar Description - TPS61042DRBR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com