Electronic Components Datasheet Search
  English  ▼

X  

TPS61042DRBR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61042DRBR
Description  CONSTANT CURRENT LED DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61042DRBR Datasheet(HTML) 2 Page - Texas Instruments

  TPS61042DRBR Datasheet HTML 1Page - Texas Instruments TPS61042DRBR Datasheet HTML 2Page - Texas Instruments TPS61042DRBR Datasheet HTML 3Page - Texas Instruments TPS61042DRBR Datasheet HTML 4Page - Texas Instruments TPS61042DRBR Datasheet HTML 5Page - Texas Instruments TPS61042DRBR Datasheet HTML 6Page - Texas Instruments TPS61042DRBR Datasheet HTML 7Page - Texas Instruments TPS61042DRBR Datasheet HTML 8Page - Texas Instruments TPS61042DRBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING
RECOMMENDED OPERATING CONDITIONS
TPS61042
SLVS441C – DECEMBER 2002 – REVISED MARCH 2007
ORDERING INFORMATION(1)
TA
Package
Package Marking
–40 to 85
°C
TPS61042DRB
BHS
(1)
The DRB package is available taped and reeled. Add R suffix (TPS61042DRBR) to order quantities of 3000 devices per reel. Add T
suffix (TPS61042DRBT) to order quantities of 250 devices per reel.
over operating free-air temperature range (unless otherwise noted)(1)
TPS61042
Supply Voltages, v(VIN)(2)
–0.3 V to 7 V
Voltages, V(Rs) , V(CTRL), V(FB)
–0.3 V to Vin + 0.3 V
Voltages, V(SW), V(LED)(2)
30 V
Voltage, V(OVP)
30 V
Continuous power dissipation
See Dissipation Rating Table
Operating junction temperature range
–40
°C to 150°C
Storage temperature range, TSTG
–65
°C to 150°C
Lead temperature (soldering, 10 sec)
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
PACKAGE
TA ≤ 25°C POWER
DERATING FACTOR
TA = 70°C POWER
TA = 85°C POWER
RATING
ABOVE TA= 25°C
RATING
RATING
8 pin QFN(1)
370 mW
3.7 mW/
°C
204 mW
148 mW
(1)
The thermal resistance junction to ambient of the 8-pin QFN package is 270
°C/W. Standard 2-layer PCB without vias for the thermal
pad. See the application section on how to improve the thermal resistance RθJA.
MIN
TYP
MAX
UNIT
VI
Input voltage range
1.8
6
V
Vs
Output voltage range
VIN
27.5
V
VSW
Switch voltage
30
V
I(LED)
Maximum LED switch current
60
mA
L
Inductor(1)
4.7
µH
f
Switching frequency(1)
1
MHz
CI
Input capacitor(1)
4.7
µF
CO
Output capacitor(1)
100
nF
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
See application section for further information
2
Submit Documentation Feedback


Similar Part No. - TPS61042DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042DRBR TI1-TPS61042DRBR Datasheet
713Kb / 27P
CONSTANT CURRENT LED DRIVER
TPS61042DRBRG4 TI1-TPS61042DRBRG4 Datasheet
713Kb / 27P
CONSTANT CURRENT LED DRIVER
More results

Similar Description - TPS61042DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
CONSTANT CURRENT LED DRIVER
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
CONSTANT CURRENT LED DRIVER
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
Constant Current LED Driver
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
Constant Current LED Driver.
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
Constant Current LED Driver
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
Constant Current LED Driver
2016/09/23
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
Constant Current LED Driver
2016/09/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com