Electronic Components Datasheet Search
  English  ▼

X  

M68ICS08GR Datasheet(PDF) 223 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 223 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 219Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 220Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 221Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 222Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 223Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 224Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 225Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 226Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 227Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 408 page
background image
Input/Output Ports (I/O)
Port D
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Input/Output Ports (I/O)
223
Figure 16-15. Port D I/O Circuit
When bit DDRDx is a logic 1, reading address $0003 reads the PTDx
data latch. When bit DDRDx is a logic 0, reading address $0003 reads
the voltage level on the pin. The data latch can always be written,
regardless of the state of its data direction bit. Table 16-5 summarizes
the operation of the port D pins.
READ DDRD ($0007)
WRITE DDRD ($0007)
RESET
WRITE PTD ($0003)
READ PTD ($0003)
PTDx
DDRDx
PTDx
VDD
INTERNAL
PTDPUEx
PULLUP
DEVICE
Table 16-5. Port D Pin Functions
PTDPUE Bit
DDRD Bit
PTD Bit
I/O Pin Mode
Accesses to DDRD
Accesses to PTD
Read/Write
Read
Write
10
X(1)
Input, VDD
(4)
DDRD6–DDRD0
Pin
PTD6–PTD0(3)
00
X
Input, Hi-Z(2)
DDRD6–DDRD0
Pin
PTD6–PTD0(3)
X
1
X
Output
DDRD6–DDRD0
PTD6–PTD0
PTD6–PTD0
Notes:
1. X = Don’t care
2. Hi-Z = High impedance
3. Writing affects data register, but does not affect input.
4. I/O pin pulled up to VDD by internal pullup device.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com