| Electronic Components Datasheet Search |
|
CV500-SLK21 Datasheet(PDF) 106 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CV500-SLK21 Datasheet(HTML) 106 Page - Omron Electronics LLC |
|
106 / 182 page ![]() 93 Input Units Symptom Cause Remedy Not all inputs turn ON or in- di li (1) Power is not supplied to Input Unit. Supply power dicators are not lit. (2) Supply voltage is low. Adjust supply voltage to within rated range. (3) Terminal block mounting screws are loose. Tighten screws. (4) Faulty contact of terminal block con- nector. Replace terminal block connector. Not all inputs turn ON (indi- cator lit). Input circuit is faulty. Replace Unit. Not all inputs turn OFF. Input circuit is faulty. Replace Unit. Specific bit does not turn ON (1) Input device is faulty. Replace input devices. ON. (2) Input wiring disconnected. Check input wiring (3) Terminal block screws are loose. Tighten screws (4) Faulty terminal block connector con- tact. Replace terminal block connector. (5) Too short ON time of external input. Adjust input device (6) Faulty input circuit Replace Unit. (7) Input bit number is used for output in- struction. Correct program. Specific bit does not turn OFF (1) Input circuit is faulty. Replace Unit. OFF. (2) Input bit number is used for output in- struction. Correct program. Input irregularly turns ON/ OFF. (1) External input voltage is low. Adjust external input voltage to within rated range. (2) Malfunction due to noise. Protective measures against noise, such as: (1) Install surge suppressor. (2) Install insulation transformer. (3) Install shielded cable. (3) Terminal block screws are loose. Tighten screws (4) Faulty terminal block connector con- tact. Replace terminal block connector. Error occurs in units of 8 i (1) Common terminal screws are loose. Tighten screws points. (2) Faulty terminal block connector con- tact. Replace terminal block connector. (3) Faulty data bus Replace Unit. (4) Faulty CPU Replace CPU. Input indicator is not lit in normal operation. Faulty indicator Replace Unit. Error Processing and Correction Section 5-3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |