Electronic Components Datasheet Search
  English  ▼

X  

CV500-SLK21 Datasheet(PDF) 139 Page - Omron Electronics LLC

Part # CV500-SLK21
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CV500-SLK21 Datasheet(HTML) 139 Page - Omron Electronics LLC

Back Button CV500-SLK21 Datasheet HTML 135Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 136Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 137Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 138Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 139Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 140Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 141Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 142Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 143Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 182 page
background image
Appendix B
Specifications
126
Transistor Output Units
Item
3G2A5-OD411
3G2A5-OD412
Max. Switching
Capacity
12 to 48 VDC +10%/–15%, 1 A
(but, 4 A/common, 5 A/Unit)
12 to 48 VDC +10%/–15%, 0.3 A
(but, 4.8 A/Unit)
Leakage Current
0.1 mA max.
0.1 mA max.
Residual Voltage
1.4 V max.
1.5 V max.
ON Delay
0.2 ms max.
0.2 ms max.
OFF Delay
0.3 ms max.
0.3 ms max.
No. of Outputs
16 (16 outputs/common, 1 circuit)
32 (32 outputs/common, 1 circuit)
Internal Current
Consumption
160 mA, 5 VDC max.
230 mA, 5 VDC max.
Fuse Capacity
5 A, 250 V (two fuses)
1 per circuit, 1 total
(Cannot be changed by user.)
Power for
External Supply
50 mA, 12 to 48 VDC
10% min.
80 mA, 12 to 48 VDC
10% min.
Weight
500 grams max.
530 grams max.
Circuit
Configuration
Fuse/fuse
blowout de-
tection
Internal
Circuit
Internal
Circuit
OUT 00
OUT 07
COM
OUT 15
OUT 15
(0 V)
to
to
COM (0 V)
12 to 48
VDC
OUT 08
+ V
*
* Fuse/fuse blowout detection circuit
Internal
Circuit
Internal
Circuit
OUT 00
OUT 07
COM
OUT 08
OUT 15
(0 V)
to
to
12 to 48
VDC
COM (0 V)
OUT 00
OUT 07
COM (0 V)
OUT 15
OUT 08
COM (0 V)
to
I
II
to
Fuse
Terminal
Connections
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
15
COM (0 V)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
+
19
COM (0 V)
12 to 48 VDC
NC
12 to 48
VDC
Note: Be sure to
supply power to
B18; otherwise cur-
rent will leak
through the load
while the output is
OFF.
Because the com-
mons are short-cir-
cuited internally,
they cannot be
used separately
and must be wired
according to the
diagram.
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
2
3
4
5
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15 16
17
18
0
1
6
7
8
9
10
11
12
13
14
15
COM(0 V)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
AB
II
I
+
COM(0 V)
COM(0 V)
COM(0 V)
12 to 48 VDC
12 to 48
VDC
NC
Note: Be sure to
supply power to
B18; otherwise
current will leak
through the load
while the output
is OFF.
Because the
commons are
short-circuited
internally, they
cannot be used
separately and
must be wired
according to the
diagram.
Dimensions
A-shape
B-shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com