Electronic Components Datasheet Search
  English  ▼

X  

RT-1116 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RT-1116
Description  Thermofit DR-25 Tubing Elastomeric, Fluid Resistant, Abrasion Resistant, Flexible, Heat-Shrinkable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT-1116 Datasheet(HTML) 1 Page - Tyco Electronics

  RT-1116 Datasheet HTML 1Page - Tyco Electronics RT-1116 Datasheet HTML 2Page - Tyco Electronics RT-1116 Datasheet HTML 3Page - Tyco Electronics RT-1116 Datasheet HTML 4Page - Tyco Electronics RT-1116 Datasheet HTML 5Page - Tyco Electronics RT-1116 Datasheet HTML 6Page - Tyco Electronics RT-1116 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
If this document is printed it becomes uncontrolled. Check for the latest revision.
2005-2012 Tyco Electronics Corporation. All rights reserved
Tyco Electronics Corporation
305 Constitutional Drive
Menlo Park, CA 94025 USA
Raychem
Specification
This Issue:
Date:
Replaces:
RT-1116
Issue 5
October 19, 2012
Issue 4
Thermofit DR-25 Tubing
Elastomeric, Fluid Resistant, Abrasion Resistant, Flexible, Heat-Shrinkable
1.
SCOPE
This specification covers the requirements for one type of highly flexible, electrical insulating, extruded
tubing whose diameter will reduce to a predetermined size upon the application of heat in excess of 175°C
(347°F).
2.
APPLICABLE DOCUMENTS
This specification takes precedence over documents referenced herein. Unless otherwise specified, the latest
issue of referenced documents applies. The following documents form a part of this specification to the
extent specified herein.
2.1
GOVERNMENT-FURNISHED DOCUMENTS
Military
MIL-PRF-5606
Hydraulic Fluid, Petroleum Base, Aircraft, Missile, and Ordnance
MIL-DTL-5624
Turbine Fuel, Aviation, Grades JP-4 and JP-5
MIL-PRF-6083
Hydraulic Fluid, Petroleum Base, for Preservation and Operation
SAE-AMS1424
Anti-Icing and Deicing - Defrosting Fluid
MIL-PRF-23699F Lubricating Oil, Aircraft Turbine Engines, Synthetic Base
MIL-PRF-46170D Hydraulic Fluid, Rust Inhibited, Fire-Resistant, Synthetic Hydrocarbon Base
Federal
A-A-59133
Cleaning Compound, High Pressure (Steam) Cleaner
A-A-52557
Fuel Oil, Diesel
2.2
OTHER PUBLICATIONS
American Society for Testing and Materials (ASTM)
D 257
Standard Test Methods for D-C Resistance or Conductance of Insulating Materials
D 412
Standard Test Methods for Rubber Properties in Tension
D 2240
Standard Test Methods for Rubber Property - Durometer Hardness
D 2671
Standard Methods of Testing Heat-Shrinkable Tubing for Electrical Use
G 21
Standard Recommended Practice for Determining Resistance of Synthetic Polymeric
Materials to Fungi
(Copies of ASTM publications may be obtained from the American Society for Testing and Materials, 1916
Race Street, Philadelphia, Pennsylvania 19103).
3.
REQUIREMENTS
3.1
MATERIAL
The tubing shall be fabricated from a stabilized, flame resistant, modified elastomer and shall be radiation
crosslinked. It shall be homogeneous and essentially free from flaws, defects, pinholes, bubbles, seams,
cracks, and inclusions.


Similar Part No. - RT-1116

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RT-1.80505 RECOM-RT-1.80505 Datasheet
85Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RT-1.80524 RECOM-RT-1.80524 Datasheet
85Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RT-1.81212 RECOM-RT-1.81212 Datasheet
85Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RT-1.81515 RECOM-RT-1.81515 Datasheet
85Kb / 2P
ECONOLINE - DC/DC - CONVERTER
More results

Similar Description - RT-1116

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ZHTM MACOM-ZHTM Datasheet
89Kb / 2P
Heat-Shrinkable, Flexible Tubing with Low Toxicity for Fire Safety Applications
TRV-160 MACOM-TRV-160 Datasheet
46Kb / 2P
Electrically insulating PVC heat shrinkable tubing
CGAT MACOM-CGAT Datasheet
48Kb / 2P
Adhesive lined polyolefin heat-shrinkable tubing
RT-555-3 MACOM-RT-555-3 Datasheet
238Kb / 4P
High Temperature, Heat-Shrinkable, Fluid Resistant Sealing Sleeves
D-SCE-5K-3.2-50-S1-4 MACOM-D-SCE-5K-3.2-50-S1-4 Datasheet
234Kb / 2P
D-SCE Fluid resistant heat-shrinkable wire identification sleeves
0070832002 MACOM-0070832002 Datasheet
31Kb / 2P
Semirigid, encapsulant-lined, heat-shrinkable tubing
logo
List of Unclassifed Man...
SH275-4 ETC2-SH275-4 Datasheet
85Kb / 3P
Heat Shrinkable Irradiated Polyolefin Tubing
logo
Alpha Wire
FIT350 ALPHAWIRE-FIT350 Datasheet
25Kb / 3P
Heat Shrinkable Tubing
logo
TE Connectivity Ltd
DR-25 TEC-DR-25 Datasheet
107Kb / 2P
Heat-Shrinkable Tubing
logo
Tyco Electronics
DWP-125 MACOM-DWP-125 Datasheet
74Kb / 2P
Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com