Electronic Components Datasheet Search
  English  ▼

X  

RT-1116 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RT-1116
Description  Thermofit DR-25 Tubing Elastomeric, Fluid Resistant, Abrasion Resistant, Flexible, Heat-Shrinkable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT-1116 Datasheet(HTML) 2 Page - Tyco Electronics

  RT-1116 Datasheet HTML 1Page - Tyco Electronics RT-1116 Datasheet HTML 2Page - Tyco Electronics RT-1116 Datasheet HTML 3Page - Tyco Electronics RT-1116 Datasheet HTML 4Page - Tyco Electronics RT-1116 Datasheet HTML 5Page - Tyco Electronics RT-1116 Datasheet HTML 6Page - Tyco Electronics RT-1116 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2
SPECIFICATION RT-1116 Issue 5
If this document is printed it becomes uncontrolled. Check for the latest revision.
2005-2012 Tyco Electronics Corporation. All rights reserved
3.2
COLOR
The tubing shall be black.
3.3
PROPERTIES
The tubing shall meet all the requirements of Table 3.
4.
QUALITY ASSURANCE PROVISIONS
4.1
CLASSIFICATION OF TESTS
4.1.1
Qualification Tests
Qualification tests are those performed on tubing submitted for qualification as a satisfactory product and
shall consist of all tests listed in this specification.
4.1.2
Acceptance Tests
Acceptance tests are those performed on tubing submitted for acceptance under contract. Acceptance tests
shall consist of the following: dimensions, longitudinal change, tensile strength, tensile stress, ultimate
elongation, heat shock, hardness, flammability, and low temperature flexibility.
4.2
SAMPLING INSTRUCTIONS
4.2.1
Qualification Test Samples
Qualification test samples shall consist of 50 feet (15 m) of tubing of each size. Qualification of any size
within each size range specified below will qualify all sizes in the same range.
Size Ranges
3/8
through
3/4
1
through
3
4.2.2
Acceptance Test Samples
Acceptance test samples shall consist of not less than 16 feet (5 m) of tubing selected at random from each
lot. A lot shall consist of all tubing of the same size, from the same production run, and offered for
inspection at the same time.
4.3
TEST PROCEDURES
Unless otherwise specified, tests shall be performed on specimens which have been fully recovered by
conditioning for 10 minutes in a 200 ± 2°C (392 ± 4°F) oven. Prior to all testing, the test specimens (and
measurement gauges, when applicable) shall be conditioned for 3 hours at
23 ± 3°C (73 ± 5°F) and 50 ± 5 percent relative humidity. All ovens shall be of the mechanical convection
type in which air passes over the specimens at a velocity of 100 to 200 feet (30 to 60 m) per minute.
4.3.1
Dimensions and Longitudinal Change
Three 6-inch (150-mm) specimens of tubing, as supplied, shall be measured for length ± 1/32 inch (± 1 mm)
and inside diameter in accordance with ASTM D 2671, conditioned for 10 minutes in a
200 ± 2°C (392 ± 4°F) oven, cooled to 23 ± 3°F (73 ±5°F) and then remeasured. Prior to and after
conditioning, the dimensions of the tubing shall be in accordance with Table 1 and the longitudinal change
shall be in accordance with Table 3. Longitudinal change shall be calculated as follows:
C =
L1 - L0
L0
x 100
WHERE:
C
=
Longitudinal Change (percent)
L0 =
Length Before Conditioning [inches (mm)]
L1 =
Length After Conditioning [inches (mm)]


Similar Part No. - RT-1116

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RT-1.80505 RECOM-RT-1.80505 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.80524 RECOM-RT-1.80524 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81212 RECOM-RT-1.81212 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81515 RECOM-RT-1.81515 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results

Similar Description - RT-1116

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT-555-3 MACOM-RT-555-3 Datasheet
238Kb / 4P
   High Temperature, Heat-Shrinkable, Fluid Resistant Sealing Sleeves
D-SCE-5K-3.2-50-S1-4 MACOM-D-SCE-5K-3.2-50-S1-4 Datasheet
234Kb / 2P
   D-SCE Fluid resistant heat-shrinkable wire identification sleeves
logo
TE Connectivity Ltd
DR-25 TEC-DR-25 Datasheet
107Kb / 2P
   Heat-Shrinkable Tubing
logo
Alpha Wire
FIT350 ALPHAWIRE-FIT350 Datasheet
25Kb / 3P
   Heat Shrinkable Tubing
logo
Tyco Electronics
DWP-125 MACOM-DWP-125 Datasheet
74Kb / 2P
   Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
2005
logo
List of Unclassifed Man...
SH275-4 ETC2-SH275-4 Datasheet
85Kb / 3P
   Heat Shrinkable Irradiated Polyolefin Tubing
logo
Tyco Electronics
TRV-160 MACOM-TRV-160 Datasheet
46Kb / 2P
   Electrically insulating PVC heat shrinkable tubing
CGAT MACOM-CGAT Datasheet
48Kb / 2P
   Adhesive lined polyolefin heat-shrinkable tubing
ZHTM MACOM-ZHTM Datasheet
89Kb / 2P
   Heat-Shrinkable, Flexible Tubing with Low Toxicity for Fire Safety Applications
0070832002 MACOM-0070832002 Datasheet
31Kb / 2P
   Semirigid, encapsulant-lined, heat-shrinkable tubing
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com