Electronic Components Datasheet Search
  English  ▼

X  

RT-1116 Datasheet(PDF) 3 Page - Tyco Electronics

Part # RT-1116
Description  Thermofit DR-25 Tubing Elastomeric, Fluid Resistant, Abrasion Resistant, Flexible, Heat-Shrinkable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT-1116 Datasheet(HTML) 3 Page - Tyco Electronics

  RT-1116 Datasheet HTML 1Page - Tyco Electronics RT-1116 Datasheet HTML 2Page - Tyco Electronics RT-1116 Datasheet HTML 3Page - Tyco Electronics RT-1116 Datasheet HTML 4Page - Tyco Electronics RT-1116 Datasheet HTML 5Page - Tyco Electronics RT-1116 Datasheet HTML 6Page - Tyco Electronics RT-1116 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPECIFICATION RT-1116 Issue 5
Page 3
If this document is printed it becomes uncontrolled. Check for the latest revision.
2005-2012 Tyco Electronics Corporation. All rights reserved
4.3.2
Tensile Strength, Tensile Stress, and Ultimate Elongation
Three specimens of tubing shall be tested for tensile strength, tensile stress, and ultimate elongation in
accordance with ASTM D 2671. For tubing size 3/8, the specimens shall be full sections of tubing. For sizes
1/2 and larger, the specimens shall be cut with Die D of ASTM D 412. The specimens shall have 1-inch (25-
mm) bench marks, centrally located. The testing machine shall have an initial jaw separation of 1 inch (25
mm) for full sections of tubing and 2 inches (50 mm) for die cut specimens. The rate of jaw separation shall
be 20 ± 2 inches (500 ± 50 mm) per minute.
4.3.3
Low Temperature Flexibility
Three specimens, each 12 inches (300 mm) in length, and a mandrel selected in accordance with Table 2,
shall be conditioned at -55 ± 3°C (-67 ± 5°F) for 4 hours. For tubing sizes 3/4 or less, the specimens shall be
whole sections of tubing recovered on a stranded wire (nearest AWG which is larger than the sleeving
maximum inside diameter after unrestricted shrinkage). For tubing sizes larger than 3/4, the specimens shall
be 1/4-inch (6.3-mm) wide strips cut from tubing which has been recovered in accordance with 4.3. After 4
hours conditioning, and while still at the conditioning temperature, the specimens shall be wrapped around
the mandrel for not less than 360° in 10± 2 seconds. The specimens then shall be visually examined for
evidence of cracking.
4.3.4
Heat Shock
Three 6-inch (150-mm) specimens of tubing shall be conditioned for 4 hours in a 225 ± 3°C
(437 ± 5°F) oven. After conditioning, the specimens shall be removed from the oven, cooled to room
temperature, and visually examined for evidence of dripping, flowing, or cracking.
4.3.5
Heat Resistance
Three specimens of tubing prepared and measured in accordance with 4.3.2, shall be conditioned for 168
hours in a 150 ± 2°C (302 ± 4°F) oven. After conditioning, the specimens shall be removed from the oven,
cooled to room temperature, and tested for tensile strength and ultimate elongation in accordance with 4.3.2.
4.3.6
Copper Stability
Three 6-inch (150-mm) specimens of tubing shall be slid over snug- fitting, straight, clean, bare copper
mandrels, either solid or tubular. The specimens on the mandrels shall be conditioned for 24 hours in a
desiccator or similar humidity chamber at 90 to 95 percent relative humidity and
23 ± 3°C (73 ± 5°F). The specimens on the mandrels then shall be conditioned for 168 hours in a 1
50 ± 2°C (302 ± 4°F) oven. After conditioning, the specimens shall be removed from the oven and cooled to
23 ± 3°C (73 ± 5°F). The copper mandrels shall then be removed from the tubing and the tubing and copper
mandrels shall be examined. Darkening of the copper due to normal air oxidation shall not be cause for
rejection. The tubing shall be tested for ultimate elongation in accordance with 4.3.2.


Similar Part No. - RT-1116

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RT-1.80505 RECOM-RT-1.80505 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.80524 RECOM-RT-1.80524 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81212 RECOM-RT-1.81212 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81515 RECOM-RT-1.81515 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results

Similar Description - RT-1116

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT-555-3 MACOM-RT-555-3 Datasheet
238Kb / 4P
   High Temperature, Heat-Shrinkable, Fluid Resistant Sealing Sleeves
D-SCE-5K-3.2-50-S1-4 MACOM-D-SCE-5K-3.2-50-S1-4 Datasheet
234Kb / 2P
   D-SCE Fluid resistant heat-shrinkable wire identification sleeves
logo
TE Connectivity Ltd
DR-25 TEC-DR-25 Datasheet
107Kb / 2P
   Heat-Shrinkable Tubing
logo
Alpha Wire
FIT350 ALPHAWIRE-FIT350 Datasheet
25Kb / 3P
   Heat Shrinkable Tubing
logo
Tyco Electronics
DWP-125 MACOM-DWP-125 Datasheet
74Kb / 2P
   Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
2005
logo
List of Unclassifed Man...
SH275-4 ETC2-SH275-4 Datasheet
85Kb / 3P
   Heat Shrinkable Irradiated Polyolefin Tubing
logo
Tyco Electronics
TRV-160 MACOM-TRV-160 Datasheet
46Kb / 2P
   Electrically insulating PVC heat shrinkable tubing
CGAT MACOM-CGAT Datasheet
48Kb / 2P
   Adhesive lined polyolefin heat-shrinkable tubing
ZHTM MACOM-ZHTM Datasheet
89Kb / 2P
   Heat-Shrinkable, Flexible Tubing with Low Toxicity for Fire Safety Applications
0070832002 MACOM-0070832002 Datasheet
31Kb / 2P
   Semirigid, encapsulant-lined, heat-shrinkable tubing
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com