Electronic Components Datasheet Search
  English  ▼

X  

RT-1116 Datasheet(PDF) 4 Page - Tyco Electronics

Part # RT-1116
Description  Thermofit DR-25 Tubing Elastomeric, Fluid Resistant, Abrasion Resistant, Flexible, Heat-Shrinkable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT-1116 Datasheet(HTML) 4 Page - Tyco Electronics

  RT-1116 Datasheet HTML 1Page - Tyco Electronics RT-1116 Datasheet HTML 2Page - Tyco Electronics RT-1116 Datasheet HTML 3Page - Tyco Electronics RT-1116 Datasheet HTML 4Page - Tyco Electronics RT-1116 Datasheet HTML 5Page - Tyco Electronics RT-1116 Datasheet HTML 6Page - Tyco Electronics RT-1116 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4
SPECIFICATION RT-1116 Issue 5
If this document is printed it becomes uncontrolled. Check for the latest revision.
2005-2012 Tyco Electronics Corporation. All rights reserved
4.3.7
Corrosive Effect
The tubing shall be tested for copper mirror corrosion in accordance with ASTM D 2671, Procedure A. The
specimens shall be conditioned for 16 hours at 135 ± 3°C (275 ± 5°F).
4.3.8
Fluid Resistance
Six specimens, three 6-inch (150-mm) tubing specimens, which shall be weighed prior to immersion, and
three tensile specimens prepared and measured in accordance with 4.3.2, shall be immersed for 24 hours in
each of the test fluids listed in Table 3 at the temperature specified. The volume of the fluid shall not be less
than 20 times that of the specimens. After conditioning, all the specimens shall be lightly wiped and air dried
for 30 to 60 minutes at 23 ± 3°C (73 ± °F). The three specimens intended for the tensile strength and
elongation tests shall then be tested in accordance with 4.3.2. The other three specimens shall be weighed
before and after immersion and the weight change calculated as a percentage.
4.4
REJECTION AND RETEST
Failure of any sample of tubing to comply with any one of the requirements of this specification shall be
cause for rejection of the lot represented. Tubing which has been rejected may be replaced or reworked to
correct the defect and then submitted for acceptance. Before resubmitting, full particulars concerning the
rejection and the action taken to correct the defect shall be furnished to the inspector.
5.
PREPARATION FOR DELIVERY
5.1
FORM
Unless otherwise specified, the tubing shall be supplied on spools.
5.2
PACKAGING
Packaging shall be in accordance with good commercial practice. The shipping container shall be not less
than 125 pound-test fiberboard.
5.3
MARKING
Each container of tubing shall be permanently and legibly marked with the size, quantity, manufacturer's
identification, and lot number.


Similar Part No. - RT-1116

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RT-1.80505 RECOM-RT-1.80505 Datasheet
85Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RT-1.80524 RECOM-RT-1.80524 Datasheet
85Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RT-1.81212 RECOM-RT-1.81212 Datasheet
85Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RT-1.81515 RECOM-RT-1.81515 Datasheet
85Kb / 2P
ECONOLINE - DC/DC - CONVERTER
More results

Similar Description - RT-1116

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT-555-3 MACOM-RT-555-3 Datasheet
238Kb / 4P
High Temperature, Heat-Shrinkable, Fluid Resistant Sealing Sleeves
D-SCE-5K-3.2-50-S1-4 MACOM-D-SCE-5K-3.2-50-S1-4 Datasheet
234Kb / 2P
D-SCE Fluid resistant heat-shrinkable wire identification sleeves
logo
TE Connectivity Ltd
DR-25 TEC-DR-25 Datasheet
107Kb / 2P
Heat-Shrinkable Tubing
logo
Alpha Wire
FIT350 ALPHAWIRE-FIT350 Datasheet
25Kb / 3P
Heat Shrinkable Tubing
logo
Tyco Electronics
DWP-125 MACOM-DWP-125 Datasheet
74Kb / 2P
Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
2005
logo
List of Unclassifed Man...
SH275-4 ETC2-SH275-4 Datasheet
85Kb / 3P
Heat Shrinkable Irradiated Polyolefin Tubing
logo
Tyco Electronics
TRV-160 MACOM-TRV-160 Datasheet
46Kb / 2P
Electrically insulating PVC heat shrinkable tubing
CGAT MACOM-CGAT Datasheet
48Kb / 2P
Adhesive lined polyolefin heat-shrinkable tubing
ZHTM MACOM-ZHTM Datasheet
89Kb / 2P
Heat-Shrinkable, Flexible Tubing with Low Toxicity for Fire Safety Applications
0070832002 MACOM-0070832002 Datasheet
31Kb / 2P
Semirigid, encapsulant-lined, heat-shrinkable tubing
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com