Electronic Components Datasheet Search
  English  ▼

X  

RT-1116 Datasheet(PDF) 6 Page - Tyco Electronics

Part # RT-1116
Description  Thermofit DR-25 Tubing Elastomeric, Fluid Resistant, Abrasion Resistant, Flexible, Heat-Shrinkable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT-1116 Datasheet(HTML) 6 Page - Tyco Electronics

  RT-1116 Datasheet HTML 1Page - Tyco Electronics RT-1116 Datasheet HTML 2Page - Tyco Electronics RT-1116 Datasheet HTML 3Page - Tyco Electronics RT-1116 Datasheet HTML 4Page - Tyco Electronics RT-1116 Datasheet HTML 5Page - Tyco Electronics RT-1116 Datasheet HTML 6Page - Tyco Electronics RT-1116 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page 6
SPECIFICATION RT-1116 Issue 5
If this document is printed it becomes uncontrolled. Check for the latest revision.
2005-2012 Tyco Electronics Corporation. All rights reserved
TABLE 3
REQUIREMENTS
PROPERTY
UNIT
REQUIREMENT
TEST METHOD
PHYSICAL
Dimensions
Inches (mm)
In accordance with Table 1
Section 4.3.1
Longitudinal Change
Percent
+1, -10
ASTM D 2671
Tensile Strength
psi (MPa)
2000 minimum (13.8)
Tensile Stress
at 100 percent elongation
psi (MPa)
1200 maximum (8.3)
Section 4.3.2
ASTM D 2671
Ultimate Elongation
Percent
300 minimum
Specific Gravity
---
1.55 maximum
ASTM D 2671
Hardness
Shore A
80 ± 10
ASTM D 2240
Low Temperature Flexibility
4 hours at -55°C (-67°F)
---
No cracking
Section 4.3.3
Heat Shock
4 hours at 225°C (437°F)
No dripping, flowing, or
cracking
Section 4.3.4
Heat Resistance
168 hours at 150°C (302°F)
Followed by tests for:
---
---
Section 4.3.5
Tensile Strength
psi (MPa)
1500 minimum (10.3)
Section 4.3.2
Ultimate Elongation
Percent
300 minimum
Copper Stability
168 hours at 150°C (302°F)
Followed by test for;
No brittleness, glazing or
cracking of tubing; no pitting or
blackening of copper
Section 4.3.6
Ultimate Elongation
Percent
200 minimum
Section 4.3.2
ELECTRICAL
Dielectric Strength
Volts/mil
(kV/mm)
300 minimum (11.8)
ASTM D 2671
Volume Resistivity
ohm-cm
109 minimum
ASTM D 257


Similar Part No. - RT-1116

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RT-1.80505 RECOM-RT-1.80505 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.80524 RECOM-RT-1.80524 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81212 RECOM-RT-1.81212 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81515 RECOM-RT-1.81515 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results

Similar Description - RT-1116

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT-555-3 MACOM-RT-555-3 Datasheet
238Kb / 4P
   High Temperature, Heat-Shrinkable, Fluid Resistant Sealing Sleeves
D-SCE-5K-3.2-50-S1-4 MACOM-D-SCE-5K-3.2-50-S1-4 Datasheet
234Kb / 2P
   D-SCE Fluid resistant heat-shrinkable wire identification sleeves
logo
TE Connectivity Ltd
DR-25 TEC-DR-25 Datasheet
107Kb / 2P
   Heat-Shrinkable Tubing
logo
Alpha Wire
FIT350 ALPHAWIRE-FIT350 Datasheet
25Kb / 3P
   Heat Shrinkable Tubing
logo
Tyco Electronics
DWP-125 MACOM-DWP-125 Datasheet
74Kb / 2P
   Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
2005
logo
List of Unclassifed Man...
SH275-4 ETC2-SH275-4 Datasheet
85Kb / 3P
   Heat Shrinkable Irradiated Polyolefin Tubing
logo
Tyco Electronics
TRV-160 MACOM-TRV-160 Datasheet
46Kb / 2P
   Electrically insulating PVC heat shrinkable tubing
CGAT MACOM-CGAT Datasheet
48Kb / 2P
   Adhesive lined polyolefin heat-shrinkable tubing
ZHTM MACOM-ZHTM Datasheet
89Kb / 2P
   Heat-Shrinkable, Flexible Tubing with Low Toxicity for Fire Safety Applications
0070832002 MACOM-0070832002 Datasheet
31Kb / 2P
   Semirigid, encapsulant-lined, heat-shrinkable tubing
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com