Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 112 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 112 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 108Page - Altera Corporation EP3SL150 Datasheet HTML 109Page - Altera Corporation EP3SL150 Datasheet HTML 110Page - Altera Corporation EP3SL150 Datasheet HTML 111Page - Altera Corporation EP3SL150 Datasheet HTML 112Page - Altera Corporation EP3SL150 Datasheet HTML 113Page - Altera Corporation EP3SL150 Datasheet HTML 114Page - Altera Corporation EP3SL150 Datasheet HTML 115Page - Altera Corporation EP3SL150 Datasheet HTML 116Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 341 page
background image
1–102
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
SSTL-2
CLASS II
16mA
GCLK
tco
3.270
3.270
4.616
4.998
5.494
5.363
5.657
4.998
5.494
5.363
5.657
ns
GCLK
PLL
t
co
3.660
3.660
5.191
5.630
6.182
6.024
6.406
5.630
6.182
6.024
6.406
ns
SSTL-18
CLASS I
4mA
GCLK
tco
3.291
3.291
4.645
5.030
5.528
5.397
5.691
5.030
5.528
5.397
5.691
ns
GCLK
PLL
t
co
3.681
3.681
5.221
5.662
6.216
6.058
6.440
5.662
6.216
6.058
6.440
ns
6mA
GCLK
t
co
3.287
3.287
4.643
5.028
5.526
5.395
5.689
5.028
5.526
5.395
5.689
ns
GCLK
PLL
t
co
3.677
3.677
5.219
5.660
6.214
6.056
6.438
5.660
6.214
6.056
6.438
ns
8mA
GCLK
t
co
3.276
3.276
4.633
5.018
5.517
5.386
5.680
5.018
5.517
5.386
5.680
ns
GCLK
PLL
t
co
3.666
3.666
5.209
5.651
6.205
6.047
6.429
5.651
6.205
6.047
6.429
ns
10mA
GCLK
t
co
3.265
3.265
4.621
5.005
5.504
5.373
5.667
5.005
5.504
5.373
5.667
ns
GCLK
PLL
t
co
3.655
3.655
5.196
5.638
6.192
6.034
6.416
5.638
6.192
6.034
6.416
ns
12mA
GCLK
t
co
3.265
3.265
4.620
5.005
5.504
5.373
5.667
5.005
5.504
5.373
5.667
ns
GCLK
PLL
tco
3.655
3.655
5.196
5.638
6.192
6.034
6.416
5.638
6.192
6.034
6.416
ns
SSTL-18
CLASS II
8mA
GCLK
t
co
3.271
3.271
4.619
5.002
5.499
5.368
5.662
5.002
5.499
5.368
5.662
ns
GCLK
PLL
tco
3.661
3.661
5.195
5.635
6.187
6.029
6.411
5.635
6.187
6.029
6.411
ns
16mA
GCLK
t
co
3.274
3.274
4.627
5.012
5.511
5.380
5.674
5.012
5.511
5.380
5.674
ns
GCLK
PLL
t
co
3.664
3.664
5.203
5.644
6.199
6.041
6.423
5.644
6.199
6.041
6.423
ns
SSTL-15
CLASS I
4mA
GCLK
t
co
3.295
3.295
4.655
5.041
5.541
5.410
5.704
5.041
5.541
5.410
5.704
ns
GCLK
PLL
t
co
3.685
3.685
5.230
5.674
6.229
6.071
6.453
5.674
6.229
6.071
6.453
ns
6mA
GCLK
t
co
3.281
3.281
4.644
5.031
5.532
5.401
5.695
5.031
5.532
5.401
5.695
ns
GCLK
PLL
t
co
3.671
3.671
5.220
5.664
6.220
6.062
6.444
5.664
6.220
6.062
6.444
ns
8mA
GCLK
t
co
3.270
3.270
4.631
5.017
5.518
5.387
5.681
5.017
5.518
5.387
5.681
ns
GCLK
PLL
t
co
3.660
3.660
5.206
5.650
6.206
6.048
6.430
5.650
6.206
6.048
6.430
ns
10mA
GCLK
t
co
3.269
3.269
4.634
5.021
5.522
5.391
5.685
5.021
5.522
5.391
5.685
ns
GCLK
PLL
t
co
3.659
3.659
5.209
5.653
6.210
6.052
6.434
5.653
6.210
6.052
6.434
ns
12mA
GCLK
tco
3.266
3.266
4.628
5.015
5.516
5.385
5.679
5.015
5.516
5.385
5.679
ns
GCLK
PLL
t
co
3.656
3.656
5.204
5.648
6.204
6.046
6.428
5.648
6.204
6.046
6.428
ns
Table 1–63. EP3SL110 Column Pins Output Timing Parameters (Part 5 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com