Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 144 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 144 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 140Page - Altera Corporation EP3SL150 Datasheet HTML 141Page - Altera Corporation EP3SL150 Datasheet HTML 142Page - Altera Corporation EP3SL150 Datasheet HTML 143Page - Altera Corporation EP3SL150 Datasheet HTML 144Page - Altera Corporation EP3SL150 Datasheet HTML 145Page - Altera Corporation EP3SL150 Datasheet HTML 146Page - Altera Corporation EP3SL150 Datasheet HTML 147Page - Altera Corporation EP3SL150 Datasheet HTML 148Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 341 page
background image
1–134
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.8-V
HSTL
CLASS I
4mA
GCLK
tco
3.017
3.249
4.596 5.002 5.481 5.366 5.616 5.099
5.599
5.484 5.692
ns
GCLK
PLL
t
co
1.264
1.437
1.829 1.918 2.108 2.134 2.137 2.012
2.208
2.233 2.125
ns
6mA
GCLK
t
co
3.005
3.237
4.587 5.001 5.480 5.365 5.615 5.091
5.599
5.484 5.692
ns
GCLK
PLL
tco
1.257
1.431
1.827 1.917 2.107 2.133 2.136 2.011
2.208
2.233 2.125
ns
8mA
GCLK
t
co
2.992
3.225
4.578 4.994 5.473 5.358 5.608 5.083
5.592
5.477 5.685
ns
GCLK
PLL
t
co
1.248
1.423
1.820 1.910 2.100 2.126 2.129 2.004
2.201
2.226 2.118
ns
10mA
GCLK
t
co
2.994
3.227
4.581 4.997 5.477 5.362 5.612 5.086
5.595
5.480 5.688
ns
GCLK
PLL
t
co
1.251
1.425
1.823 1.913 2.104 2.130 2.133 2.007
2.204
2.229 2.121
ns
12mA
GCLK
tco
2.987
3.222
4.579 5.000 5.480 5.365 5.615 5.086
5.600
5.485 5.693
ns
GCLK
PLL
t
co
1.247
1.422
1.825 1.916 2.107 2.133 2.136 2.010
2.209
2.234 2.126
ns
1.8-V
HSTL
CLASS II
16mA
GCLK
t
co
2.993
3.226
4.574 4.997 5.476 5.361 5.611 5.077
5.594
5.479 5.687
ns
GCLK
PLL
t
co
1.255
1.430
1.823 1.913 2.103 2.129 2.132 2.006
2.203
2.228 2.120
ns
1.5-V
HSTL
CLASS I
4mA
GCLK
t
co
3.024
3.256
4.607 5.012 5.492 5.377 5.627 5.111
5.610
5.495 5.703
ns
GCLK
PLL
t
co
1.270
1.443
1.838 1.928 2.119 2.145 2.148 2.021
2.219
2.244 2.136
ns
6mA
GCLK
t
co
3.012
3.246
4.603 5.014 5.494 5.379 5.629 5.108
5.613
5.498 5.706
ns
GCLK
PLL
t
co
1.264
1.438
1.839 1.930 2.121 2.147 2.150 2.023
2.222
2.247 2.139
ns
8mA
GCLK
tco
3.008
3.241
4.597 5.009 5.489 5.374 5.624 5.102
5.607
5.492 5.700
ns
GCLK
PLL
t
co
1.260
1.434
1.834 1.925 2.116 2.142 2.145 2.018
2.216
2.241 2.133
ns
1.2-V
HSTL
CLASS I
4mA
GCLK
t
co
3.023
3.255
4.618 5.028 5.511 5.396 5.646 5.125
5.629
5.514 5.722
ns
GCLK
PLL
t
co
1.272
1.445
1.851 1.944 2.138 2.164 2.167 2.037
2.238
2.263 2.155
ns
6mA
GCLK
t
co
3.011
3.243
4.607 5.019 5.502 5.387 5.637 5.114
5.620
5.505 5.713
ns
GCLK
PLL
t
co
1.263
1.437
1.842 1.935 2.129 2.155 2.158 2.028
2.229
2.254 2.146
ns
8mA
GCLK
t
co
3.007
3.241
4.611 5.027 5.511 5.396 5.646 5.120
5.630
5.515 5.723
ns
GCLK
PLL
t
co
1.262
1.437
1.849 1.943 2.138 2.164 2.167 2.037
2.239
2.264 2.156
ns
3.0-V PCI
—
GCLK
tco
3.142
3.376
4.672 5.050 5.535 5.409 5.670 5.171
5.656
5.530 5.749
ns
GCLK
PLL
t
co
1.375
1.551
1.897 1.976 2.164 2.185 2.193 2.076
2.267
2.287 2.184
ns
3.0-V
PCI-X
—
GCLK
t
co
3.142
3.376
4.672 5.050 5.535 5.409 5.670 5.171
5.656
5.530 5.749
ns
GCLK
PLL
t
co
1.375
1.551
1.897 1.976 2.164 2.185 2.193 2.076
2.267
2.287 2.184
ns
Table 1–74. EP3SL150 Row Pins Output Timing Parameters (Part 4 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com