Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 168 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 168 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 164Page - Altera Corporation EP3SL150 Datasheet HTML 165Page - Altera Corporation EP3SL150 Datasheet HTML 166Page - Altera Corporation EP3SL150 Datasheet HTML 167Page - Altera Corporation EP3SL150 Datasheet HTML 168Page - Altera Corporation EP3SL150 Datasheet HTML 169Page - Altera Corporation EP3SL150 Datasheet HTML 170Page - Altera Corporation EP3SL150 Datasheet HTML 171Page - Altera Corporation EP3SL150 Datasheet HTML 172Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 341 page
background image
1–158
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.2-V
HSTL
CLASS I
4mA
GCLK
tco
3.524
3.524
5.175
5.375
5.888
5.745
6.150 5.375 5.888 5.745 6.150
ns
GCLK
PLL
t
co
3.923
3.923
5.810
6.015
6.592
6.420
6.907 6.015 6.592 6.420 6.907
ns
6mA
GCLK
tco
3.516
3.516
5.166
5.366
5.879
5.736
6.141 5.366 5.879 5.736 6.141
ns
GCLK
PLL
t
co
3.915
3.915
5.801
6.006
6.583
6.411
6.898 6.006 6.583 6.411 6.898
ns
8mA
GCLK
t
co
3.517
3.517
5.174
5.374
5.888
5.745
6.150 5.374 5.888 5.745 6.150
ns
GCLK
PLL
t
co
3.916
3.916
5.809
6.014
6.592
6.420
6.907 6.014 6.592 6.420 6.907
ns
10mA
GCLK
t
co
3.506
3.506
5.161
5.361
5.874
5.731
6.136 5.361 5.874 5.731 6.136
ns
GCLK
PLL
t
co
3.905
3.905
5.796
6.001
6.578
6.406
6.893 6.001 6.578 6.406 6.893
ns
12mA
GCLK
t
co
3.506
3.506
5.161
5.361
5.875
5.732
6.137 5.361 5.875 5.732 6.137
ns
GCLK
PLL
t
co
3.905
3.905
5.796
6.001
6.579
6.407
6.894 6.001 6.579 6.407 6.894
ns
1.2-V
HSTL
CLASS II
16mA
GCLK
t
co
3.527
3.527
5.177
5.376
5.888
5.745
6.150 5.376 5.888 5.745 6.150
ns
GCLK
PLL
tco
3.926
3.926
5.812
6.016
6.592
6.420
6.907 6.016 6.592 6.420 6.907
ns
3.0-V PCI
—
GCLK
t
co
3.630
3.630
5.222
5.410
5.913
5.770
6.175 5.410 5.913 5.770 6.175
ns
GCLK
PLL
tco
4.029
4.029
5.857
6.050
6.617
6.445
6.932 6.050 6.617 6.445 6.932
ns
3.0-V
PCI-X
—
GCLK
t
co
3.630
3.630
5.222
5.410
5.913
5.770
6.175 5.410 5.913 5.770 6.175
ns
GCLK
PLL
t
co
4.029
4.029
5.857
6.050
6.617
6.445
6.932 6.050 6.617 6.445 6.932
ns
Table 1–83. EP3SL200 Column Pins Output Timing Parameters (Part 7 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com