Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 192 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 192 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 188Page - Altera Corporation EP3SL150 Datasheet HTML 189Page - Altera Corporation EP3SL150 Datasheet HTML 190Page - Altera Corporation EP3SL150 Datasheet HTML 191Page - Altera Corporation EP3SL150 Datasheet HTML 192Page - Altera Corporation EP3SL150 Datasheet HTML 193Page - Altera Corporation EP3SL150 Datasheet HTML 194Page - Altera Corporation EP3SL150 Datasheet HTML 195Page - Altera Corporation EP3SL150 Datasheet HTML 196Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 341 page
background image
1–182
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.8 V
2mA
GCLK
tco
3.896
3.896
5.772
6.014
6.599
6.451
6.880
6.014 6.599 6.451 6.880
ns
GCLK
PLL
t
co
4.460
4.460
6.613
6.863
7.507
7.327
7.870
6.863 7.507 7.327 7.870
ns
4mA
GCLK
tco
3.715
3.715
5.493
5.705
6.251
6.104
6.532
5.705 6.251 6.104 6.532
ns
GCLK
PLL
t
co
4.282
4.282
6.336
6.556
7.177
6.998
7.539
6.556 7.177 6.998 7.539
ns
6mA
GCLK
t
co
3.633
3.633
5.386
5.590
6.141
5.993
6.422
5.590 6.141 5.993 6.422
ns
GCLK
PLL
t
co
4.197
4.197
6.227
6.440
7.064
6.884
7.427
6.440 7.064 6.884 7.427
ns
8mA
GCLK
t
co
3.613
3.613
5.327
5.537
6.075
5.927
6.356
5.537 6.075 5.927 6.356
ns
GCLK
PLL
t
co
4.177
4.177
6.169
6.386
6.987
6.807
7.350
6.386 6.987 6.807 7.350
ns
10mA
GCLK
t
co
3.550
3.550
5.266
5.462
5.994
5.846
6.275
5.462 5.994 5.846 6.275
ns
GCLK
PLL
t
co
4.114
4.114
6.109
6.312
6.918
6.738
7.281
6.312 6.918 6.738 7.281
ns
12mA
GCLK
t
co
3.532
3.532
5.246
5.440
5.971
5.823
6.252
5.440 5.971 5.823 6.252
ns
GCLK
PLL
tco
4.097
4.097
6.088
6.291
6.885
6.705
7.248
6.291 6.885 6.705 7.248
ns
1.5 V
2mA
GCLK
t
co
3.842
3.842
5.700
5.947
6.537
6.389
6.818
5.947 6.537 6.389 6.818
ns
GCLK
PLL
tco
4.406
4.406
6.542
6.796
7.452
7.272
7.815
6.796 7.452 7.272 7.815
ns
4mA
GCLK
t
co
3.630
3.630
5.381
5.590
6.145
5.997
6.426
5.590 6.145 5.997 6.426
ns
GCLK
PLL
t
co
4.194
4.194
6.223
6.439
7.066
6.886
7.429
6.439 7.066 6.886 7.429
ns
6mA
GCLK
t
co
3.605
3.605
5.314
5.530
6.078
5.930
6.359
5.530 6.078 5.930 6.359
ns
GCLK
PLL
t
co
4.170
4.170
6.156
6.381
6.989
6.809
7.352
6.381 6.989 6.809 7.352
ns
8mA
GCLK
t
co
3.594
3.594
5.297
5.505
6.058
5.910
6.339
5.505 6.058 5.910 6.339
ns
GCLK
PLL
t
co
4.158
4.158
6.140
6.356
6.972
6.792
7.335
6.356 6.972 6.792 7.335
ns
10mA
GCLK
t
co
3.539
3.539
5.259
5.455
5.988
5.840
6.269
5.455 5.988 5.840 6.269
ns
GCLK
PLL
t
co
4.103
4.103
6.101
6.305
6.909
6.729
7.272
6.305 6.909 6.729 7.272
ns
12mA
GCLK
t
co
3.534
3.534
5.243
5.443
5.977
5.829
6.258
5.443 5.977 5.829 6.258
ns
GCLK
PLL
t
co
4.097
4.097
6.084
6.292
6.888
6.708
7.251
6.292 6.888 6.708 7.251
ns
Table 1–93. EP3SL340 Column Pins Output Timing Parameters (Part 3 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com