Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 246 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 246 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 242Page - Altera Corporation EP3SL150 Datasheet HTML 243Page - Altera Corporation EP3SL150 Datasheet HTML 244Page - Altera Corporation EP3SL150 Datasheet HTML 245Page - Altera Corporation EP3SL150 Datasheet HTML 246Page - Altera Corporation EP3SL150 Datasheet HTML 247Page - Altera Corporation EP3SL150 Datasheet HTML 248Page - Altera Corporation EP3SL150 Datasheet HTML 249Page - Altera Corporation EP3SL150 Datasheet HTML 250Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 341 page
background image
1–236
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.8 V
2mA
GCLK
t
co
3.822
3.822
5.464 5.917 6.154 6.369 6.381 5.917 6.154 6.369 6.381
ns
GCLK
PLL
t
co
4.050
4.056
5.793 6.281 6.912 6.726 7.147 6.281 6.912 6.726 7.147
ns
4mA
GCLK
t
co
3.581
3.581
5.104 5.511 5.807 5.909 6.032 5.511 5.807 5.909 6.032
ns
GCLK
PLL
t
co
3.869
3.875
5.514 5.972 6.564 6.380 6.798 5.972 6.564 6.380 6.798
ns
6mA
GCLK
t
co
3.463
3.463
4.914 5.321 5.696 5.734 5.923 5.321 5.696 5.734 5.923
ns
GCLK
PLL
t
co
3.787
3.793
5.407 5.857 6.454 6.268 6.689 5.857 6.454 6.268 6.689
ns
8mA
GCLK
t
co
3.409
3.409
4.814 5.223 5.630 5.622 5.857 5.223 5.630 5.622 5.857
ns
GCLK
PLL
t
co
3.767
3.773
5.349 5.803 6.388 6.202 6.623 5.803 6.388 6.202 6.623
ns
10mA
GCLK
t
co
3.341
3.341
4.718 5.125 5.549 5.508 5.776 5.125 5.549 5.508 5.776
ns
GCLK
PLL
t
co
3.704
3.710
5.288 5.728 6.307 6.121 6.542 5.728 6.307 6.121 6.542
ns
12mA
GCLK
t
co
3.317
3.317
4.685 5.078 5.526 5.470 5.753 5.078 5.526 5.470 5.753
ns
GCLK
PLL
t
co
3.686
3.692
5.267 5.707 6.284 6.098 6.519 5.707 6.284 6.098 6.519
ns
1.5 V
2mA
GCLK
t
co
3.730
3.730
5.357 5.827 6.092 6.286 6.319 5.827 6.092 6.286 6.319
ns
GCLK
PLL
t
co
3.996
4.002
5.722 6.213 6.850 6.664 7.085 6.213 6.850 6.664 7.085
ns
4mA
GCLK
t
co
3.447
3.447
4.903 5.314 5.700 5.730 5.927 5.314 5.700 5.730 5.927
ns
GCLK
PLL
t
co
3.784
3.790
5.403 5.857 6.458 6.272 6.693 5.857 6.458 6.272 6.693
ns
6mA
GCLK
t
co
3.369
3.369
4.803 5.206 5.633 5.613 5.860 5.206 5.633 5.613 5.860
ns
GCLK
PLL
t
co
3.759
3.765
5.336 5.797 6.391 6.205 6.626 5.797 6.391 6.205 6.626
ns
8mA
GCLK
t
co
3.359
3.359
4.785 5.185 5.613 5.581 5.840 5.185 5.613 5.581 5.840
ns
GCLK
PLL
t
co
3.748
3.754
5.319 5.772 6.371 6.185 6.606 5.772 6.371 6.185 6.606
ns
10mA
GCLK
t
co
3.329
3.329
4.701 5.107 5.543 5.499 5.770 5.107 5.543 5.499 5.770
ns
GCLK
PLL
t
co
3.693
3.699
5.281 5.721 6.301 6.115 6.536 5.721 6.301 6.115 6.536
ns
12mA
GCLK
t
co
3.280
3.280
4.679 5.072 5.532 5.457 5.759 5.072 5.532 5.457 5.759
ns
GCLK
PLL
t
co
3.688
3.694
5.264 5.710 6.290 6.104 6.525 5.710 6.290 6.104 6.525
ns
Table 1–113. EP3SE80 Column Pins Output Timing Parameters (Part 3 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com