Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 323 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 323 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 319Page - Altera Corporation EP3SL150 Datasheet HTML 320Page - Altera Corporation EP3SL150 Datasheet HTML 321Page - Altera Corporation EP3SL150 Datasheet HTML 322Page - Altera Corporation EP3SL150 Datasheet HTML 323Page - Altera Corporation EP3SL150 Datasheet HTML 324Page - Altera Corporation EP3SL150 Datasheet HTML 325Page - Altera Corporation EP3SL150 Datasheet HTML 326Page - Altera Corporation EP3SL150 Datasheet HTML 327Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–313
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–152 and Table 1–153 list the periphery clock timing parameters for EP3SL70
devices.
EP3SL110 Clock Timing Parameters
Table 1–154 and Table 1–155 list the global clock timing parameters for EP3SL110
devices.
.
Table 1–152. EP3SL70 Column Pin Periphery Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.465
1.468
2.142
2.410
2.792
2.673
3.220
2.410
2.802
2.673
3.220
ns
t
COUT
1.465
1.468
2.142
2.410
2.792
2.673
3.220
2.410
2.802
2.673
3.220
ns
t
PLLCIN
-0.068
-0.083
-0.330
-0.370
-0.334
-0.288
-0.133
-0.370
0.273
-0.288
-0.133
ns
t
PLLCOUT
-0.068
-0.083
-0.330
-0.370
-0.334
-0.288
-0.133
-0.370
0.273
-0.288
-0.133
ns
Table 1–153. EP3SL70 Row Pin Periphery Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.482
1.558
2.227
2.488
2.851
2.727
3.031
2.539
2.905
2.777
3.056
ns
t
COUT
1.400
1.467
2.082
2.325
2.670
2.556
2.872
2.369
2.716
2.598
2.897
ns
t
PLLCIN
-0.019
0.039
-0.225
-0.302
-0.291
-0.235
-0.295
-0.261
0.376
-0.188
-0.257
ns
t
PLLCOUT
-0.101
-0.052
-0.367
-0.465
-0.472
-0.406
-0.454
-0.431
0.187
-0.367
-0.416
ns
Table 1–154. EP3SL110 Column Pin Global Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.909
1.907
2.674
2.936
3.285
3.182
3.700
2.936
3.285
3.182
3.700
ns
t
COUT
1.909
1.907
2.674
2.936
3.285
3.182
3.700
2.936
3.285
3.182
3.700
ns
t
PLLCIN
-0.048
-0.050
-0.274
-0.330
-0.290
-0.251
-0.032
-0.330
-0.290
-0.251
-0.032
ns
t
PLLCOUT
-0.048
-0.050
-0.274
-0.330
-0.290
-0.251
-0.032
-0.330
-0.290
-0.251
-0.032
ns
Table 1–155. EP3SL110 Row Pin Global Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Unit
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.882
2.014
2.754
2.975
3.344
3.221
3.511
3.062
3.413
3.287
3.551
ns
t
COUT
1.800
1.923
2.612
2.812
3.163
3.050
3.352
2.892
3.224
3.108
3.392
ns
t
PLLCIN
-0.002
0.059
-0.202
-0.271
-0.231
-0.184
-0.212
-0.219
-0.184
-0.138
-0.260
ns
t
PLLCOUT
-0.084
-0.032
-0.347
-0.434
-0.412
-0.355
-0.371
-0.389
-0.373
-0.317
-0.419
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com