Electronic Components Datasheet Search
  English  ▼

X  

IXTA76P10T Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTA76P10T
Description  P-Channel Enhancement Mode Avalanche Rated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTA76P10T Datasheet(HTML) 5 Page - IXYS Corporation

  IXTA76P10T Datasheet HTML 1Page - IXYS Corporation IXTA76P10T Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 2 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
IXTA76P10T IXTP76P10T
IXTH76P10T
Fig. 14. Resistive Turn-on Rise Time vs.
Drain Current
20
24
28
32
36
40
44
-76
-72
-68
-64
-60
-56
-52
-48
-44
-40
-36
ID - Amperes
RG = 1Ω, VGS = -10V
VDS = - 50V
TJ = 25ºC
TJ = 125ºC
Fig. 15. Resistive Turn-on Switching Times vs.
Gate Resistance
0
40
80
120
160
200
0
2
4
6
8
10
1214161820
RG - Ohms
10
30
50
70
90
110
t r
td(on) - - - -
TJ = 125ºC, VGS = -10V
VDS = - 50V
I D = - 76A, - 38A
Fig. 16. Resistive Turn-off Switching Times vs.
Junction Temperature
16
17
18
19
20
21
22
23
24
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
35
40
45
50
55
60
65
70
75
t f
td(off) - - - -
RG = 1Ω, VGS = -10V
VDS = - 50V
I D = - 38A
I D = - 76A
Fig. 17. Resistive Turn-off Switching Times vs.
Drain Current
34
38
42
46
50
54
58
62
66
-76
-72
-68
-64
-60
-56
-52
-48
-44
-40
-36
ID - Amperes
16
17
18
19
20
21
22
23
24
t f
td(off) - - - -
RG = 1Ω, VGS = -10V
VDS = - 50V
TJ = 125ºC, 25ºC
Fig. 13. Resistive Turn-on Rise Time vs.
Junction Temperature
20
24
28
32
36
40
44
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 1Ω, VGS = -10V
VDS = - 50V
I D = - 38A
I D = - 76A
Fig. 18. Resistive Turn-off Switching Times vs.
Gate Resistance
0
40
80
120
160
200
0
2
4
6
8
10121416
1820
RG - Ohms
0
60
120
180
240
300
t f
td(off) - - - -
TJ = 125ºC, VGS = -10V
VDS = - 50V
I D = - 38A, - 76A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com