Electronic Components Datasheet Search
  English  ▼

X  

EP3C80 Datasheet(PDF) 139 Page - Altera Corporation

Part # EP3C80
Description  This section provides a complete overview of all features relating to the Cyclone III device family
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C80 Datasheet(HTML) 139 Page - Altera Corporation

Back Button EP3C80 Datasheet HTML 135Page - Altera Corporation EP3C80 Datasheet HTML 136Page - Altera Corporation EP3C80 Datasheet HTML 137Page - Altera Corporation EP3C80 Datasheet HTML 138Page - Altera Corporation EP3C80 Datasheet HTML 139Page - Altera Corporation EP3C80 Datasheet HTML 140Page - Altera Corporation EP3C80 Datasheet HTML 141Page - Altera Corporation EP3C80 Datasheet HTML 142Page - Altera Corporation EP3C80 Datasheet HTML 143Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 274 page
background image
Chapter 7: High-Speed Differential Interfaces in the Cyclone III Device Family
7–17
Design Guidelines
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
Figure 7–16 shows the Cyclone III device family high-speed I/O timing budget.
f For more information, refer to the Cyclone III Device Data Sheet and Cyclone III LS
Device Data Sheet chapters in volume 2 of the Cyclone III Device Handbook.
Design Guidelines
This section provides guidelines for designing with the Cyclone III device family.
Differential Pad Placement Guidelines
To maintain an acceptable noise level on the VCCIO supply, you must observe some
restrictions on the placement of single-ended I/O pins in relation to differential pads.
Altera recommends that you create a Quartus II design, enter your device I/O
assignments, and compile your design to validate your pin placement. The Quartus II
software checks your pin connections with respect to the I/O assignment and
placement rules to ensure proper device operation.
f For more information about how the Quartus II software checks I/O restrictions, refer
to the I/O Management chapter in volume 2 of the Quartus II Handbook.
Board Design Considerations
This section explains how to achieve the optimal performance from the Cyclone III
device family I/O interface and ensure first-time success in implementing a
functional design with optimal signal quality. You must consider the critical issues of
controlled impedance of traces and connectors, differential routing, and termination
techniques to get the best performance from the Cyclone III device family.
Use the following general guidelines for improved signal quality:
■
Base board designs on controlled differential impedance. Calculate and compare
all parameters, such as trace width, trace thickness, and the distance between two
differential traces.
■
Maintain equal distance between traces in differential I/O standard pairs as much
as possible. Routing the pair of traces close to each other maximizes the
common-mode rejection ratio (CMRR).
Figure 7–16. Cyclone III Device Family High-Speed I/O Timing Budget
(1)
Note to Figure 7–16:
(1) The equation for the high-speed I/O timing budget is:
Internal Clock Period
RSKM
0.5
× TCCS
RSKM
0.5
× TCCS
SW
eriod
0.5
TCCS
RSKM
SW
RSKM
0.5
TCCS
++
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com