Electronic Components Datasheet Search
  English  ▼

X  

EP3C80 Datasheet(PDF) 153 Page - Altera Corporation

Part # EP3C80
Description  This section provides a complete overview of all features relating to the Cyclone III device family
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C80 Datasheet(HTML) 153 Page - Altera Corporation

Back Button EP3C80 Datasheet HTML 149Page - Altera Corporation EP3C80 Datasheet HTML 150Page - Altera Corporation EP3C80 Datasheet HTML 151Page - Altera Corporation EP3C80 Datasheet HTML 152Page - Altera Corporation EP3C80 Datasheet HTML 153Page - Altera Corporation EP3C80 Datasheet HTML 154Page - Altera Corporation EP3C80 Datasheet HTML 155Page - Altera Corporation EP3C80 Datasheet HTML 156Page - Altera Corporation EP3C80 Datasheet HTML 157Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 274 page
background image
Chapter 8: External Memory Interfaces in the Cyclone III Device Family
8–11
Cyclone III Device Family Memory Interfaces Features
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Cyclone III Device Family Memory Interfaces Features
This section describes Cyclone III device family memory interfaces, including DDR
input registers, DDR output registers, OCT, and phase-lock loops (PLLs).
DDR Input Registers
The DDR input registers are implemented with three internal logic element (LE)
registers for every DQ pin. These LE registers are located in the logic array block (LAB)
adjacent to the DDR input pin.
Figure 8–4 shows Cyclone III device family DDR input registers.
The DDR data is first fed to two registers, input register AI and input register BI.
■
Input register AI captures the DDR data present during the rising edge of the clock
■
Input register BI captures the DDR data present during the falling edge of the clock
■
Register CI aligns the data before it is synchronized with the system clock
The data from the DDR input register is fed to two registers, sync_reg_h and
sync_reg_l
, then the data is typically transferred to a FIFO block to synchronize the
two data streams to the rising edge of the system clock. Because the read-capture
clock is generated by the PLL, the read-data strobe signal (DQS or CQ) is not used
during read operation in Cyclone III device family; hence, postamble is not a concern
in this case.
Figure 8–4. Cyclone III Device Family DDR Input Registers
dataout_h
LE
Register
LE
Register
LE
Register
DQ
dataout_l
Input Register B
I
Input Register A
I
neg_reg_out
Register C
I
DDR Input Registers in Cyclone III Device Family
Capture Clock
PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com