Electronic Components Datasheet Search
  English  ▼

X  

MC68HC908GR4MP Datasheet(PDF) 289 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 289 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 285Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 286Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 287Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 288Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 289Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 290Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 291Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 292Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 293Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 408 page
background image
System Integration Module (SIM)
Exception Control
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
System Integration Module (SIM)
289
19.6.1.6 Interrupt Status Register 3
Bits 7–2 — Always read 0
I16–I15 — Interrupt Flags 16–15
These flags indicate the presence of an interrupt request from the
source shown in Table 19-3.
1 = Interrupt request present
0 = No interrupt request present
19.6.2 Reset
All reset sources always have equal and highest priority and cannot be
arbitrated.
19.6.3 Break Interrupts
The break module can stop normal program flow at a software-
programmable break point by asserting its break interrupt output. See
Timer Interface Module (TIM). The SIM puts the CPU into the break state
by forcing it to the SWI vector location. Refer to the break interrupt
subsection of each module to see how each module is affected by the
break state.
Address:
$FE06
Bit 7
654321
Bit 0
Read:
000000
I16
I15
Write:
RRRRRRRR
Reset:
00000000
R= Reserved
Figure 19-14. Interrupt Status Register 3 (INT3)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com