Electronic Components Datasheet Search
  English  ▼

X  

ADNS-5095 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5095
Description  Low Power Optical Mouse Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5095 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-5095 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
Table 1. Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Notes
Storage Temperature
TS
-40
85
C
Operating Temperature
TA
-15
55
C
Lead Solder Temperature
260
C
For 7 seconds, 1.6mm below seating plane.
Supply Voltage
VDD
-0.5
3.7
V
ESD (Human Body Model)
2
kV
All pins
Input Voltage
VIN
-0.5
VDD + 0.5
V
All I/O pins
Output Current
Iout
7
mA
MISO pin
Table 2. Recommended Operating Condition
Parameter
Symbol
Min
Typ.
Max
Units
Notes
Operating Temperature
TA
040
C
Power Supply Voltage
VDD
2.8
3.0
V
Power Supply Rise Time
TRT
0.005
100
ms
0 to VDD min
Supply Noise (Sinusoidal)
VNA
100
mVp-p
10kHz –50MHz
Serial Port Clock
Frequency
fSCLK
1
MHz
50% duty cycle
Distance from Lens Refer-
ence Plane to Tracking
Surface (Z)
Z
2.3
2.4
2.5
mm
Speed
S
0
30
ips
At default frame rate
Acceleration
a
8
G
At run mode
Load Capacitance
Cout
100
pF
MISO
Design Considerations for Improved ESD Performance
For improved electrostatic discharge performance, typical
creepage and clearance distance are shown in the table
below. Assumption: base plate construction is as per the
Avago Technologies supplied IGES file and ADNS-5100-
001 trim lens. Note that the lens material is polycarbon-
ate or polystyrene HH30. Therefore, cyanoacrylate based
adhesives or other adhesives that may damage the lens
should NOT be used.
Typical Distance (mm)
ADNS-5100-001
Creepage
15.43
Clearance
7.77
Regulatory Requirements
 Passes FCC B and worldwide analogous emission limits
when assembled into a mouse with shielded cable and
following Avago Technologies recommendations.
 Passes IEC-1000-4-3 radiated susceptibility level when
assembled into a mouse with shielded cable and
following Avago Technologies recommendations.
 UL flammability level UL94 HB.


Similar Part No. - ADNS-5095

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5090 AVAGO-ADNS-5090 Datasheet
112Kb / 3P
Trim Lens for LED Mouse
More results

Similar Description - ADNS-5095

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5030 AVAGO-ADNS-5030 Datasheet
411Kb / 24P
Low Power Optical Mouse Sensor
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN3201DH PIXART-PAN3201DH Datasheet
603Kb / 25P
LOW POWER CMOS OPTICAL MOUSE SENSOR
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
Low Power Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080_16 Datasheet
1,013Kb / 10P
Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
Low Power Optical Mouse Sensor
PMW3260DB-TPOU PIXART-PMW3260DB-TPOU Datasheet
1Mb / 14P
Ultra Low Power LED Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
Ultra Low-Power Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-3040 BOARDCOM-ADNK-3040 Datasheet
108Kb / 1P
Ultra Low-Power Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com