Electronic Components Datasheet Search
  English  ▼

X  

ADNS-5095 Datasheet(PDF) 22 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5095
Description  Low Power Optical Mouse Sensor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5095 Datasheet(HTML) 22 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-5095 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 26Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
22
PIX_MAX
Address: 0x08
Maximum Pixel Value Register
Access: Read
Reset Value: 0x00
Bit
76543210
Field
MP7
MP6
MP5
MP4
MP3
MP2
MP1
MP0
Data Type:
Eight-bit number.
USAGE:
Store the highest pixel value in current frame. Minimum value = 0, maximum value = 255. The
highest pixel value may vary with different frame.
PIX_ACCUM
Address: 0x09
Average Pixel Value Register
Access: Read
Reset Value: 0x00
Bit
76543210
Field
AP7
AP6
AP5
AP4
AP3
AP2
AP1
AP0
Data Type:
High 8-bits of an unsigned 16-bit integer.
USAGE:
This register stores the accumulated pixel value of the last image taken. This register can be
used to find the average pixel value, where Average Pixel = (register value AP[7:0]) * 0.71
The maximum accumulated value is 45847 but only bits [15:8] are reported, therefore the
maximum register value is 179. The minimum is 0. The PIX_ACCUM value may vary with
different frame.
PIX_MIN
Address: 0x0a
Minimum Pixel Value Register
Access: Read
Reset Value: 0x00
Bit
76543210
Field
MP7
MP6
MP5
MP4
MP3
MP2
MP1
MP0
Data Type:
Eight-bit number.
USAGE:
Store the lowest pixel value in current frame. Minimum value = 0, maximum value = 127. The
minimum pixel value may vary with different frame.


Similar Part No. - ADNS-5095

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5090 AVAGO-ADNS-5090 Datasheet
112Kb / 3P
Trim Lens for LED Mouse
More results

Similar Description - ADNS-5095

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5030 AVAGO-ADNS-5030 Datasheet
411Kb / 24P
Low Power Optical Mouse Sensor
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN3201DH PIXART-PAN3201DH Datasheet
603Kb / 25P
LOW POWER CMOS OPTICAL MOUSE SENSOR
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
Low Power Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080_16 Datasheet
1,013Kb / 10P
Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
Low Power Optical Mouse Sensor
PMW3260DB-TPOU PIXART-PMW3260DB-TPOU Datasheet
1Mb / 14P
Ultra Low Power LED Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
Ultra Low-Power Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-3040 BOARDCOM-ADNK-3040 Datasheet
108Kb / 1P
Ultra Low-Power Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com