Electronic Components Datasheet Search
  English  ▼

X  

ADNS-5095 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5095
Description  Low Power Optical Mouse Sensor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5095 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-5095 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3
Figure 2. Package Outline Drawing
CAUTION: It is advised that normal static precautions be taken in handling and assembling
of this component to prevent damage and/or degradation which may be induced by ESD.
Section A-A
AA
Pin 1
Clear Optical Path
Protective
Kapton Tape
4.45
0.175
5.60
0.220
0.80
0.031
12.85
(At shoulder)
0.506
12.85
± 0.50
(At lead tip)
0.506
± 0.020
9.10
0.358
Lead width
0.50
0.020
9.90
0.390
Lead pitch
2.00
0.079
Lead offset
1.00
0.039
Lot Code
Date Code
Product
Number
Features for
Illustration only
Pin 1
Notes:
1. Dimensions in millimeter / inches.
2. Dimensional tolerance:
± 0.1mm.
3. Coplanarity of leads: 0.1mm.
4. Lead pitch tolerance:
± 0.15mm.
5. Non-cumulative pitch tolerance:
± 0.15mm.
6. Angular tolerance:
± 3
7. Maximum flash: 0.2mm.
8. Brackets () indicate reference dimension.
9. Document Number: LED_DIFF_8B_PKG_002


Similar Part No. - ADNS-5095

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5090 AVAGO-ADNS-5090 Datasheet
112Kb / 3P
   Trim Lens for LED Mouse
More results

Similar Description - ADNS-5095

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080_16 Datasheet
1,013Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5030 AVAGO-ADNS-5030 Datasheet
411Kb / 24P
   Low Power Optical Mouse Sensor
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN3201DH PIXART-PAN3201DH Datasheet
603Kb / 25P
   LOW POWER CMOS OPTICAL MOUSE SENSOR
logo
Broadcom Corporation.
ADNK-3040 BOARDCOM-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PMW3260DB-TPOU PIXART-PMW3260DB-TPOU Datasheet
1Mb / 14P
   Ultra Low Power LED Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com