Electronic Components Datasheet Search
  English  ▼

X  

SMBJ5.0 Datasheet(PDF) 6 Page - Formosa MS

Part # SMBJ5.0
Description  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMBJ5.0 Datasheet(HTML) 6 Page - Formosa MS

Back Button SMBJ5.0 Datasheet HTML 2Page - Formosa MS SMBJ5.0 Datasheet HTML 3Page - Formosa MS SMBJ5.0 Datasheet HTML 4Page - Formosa MS SMBJ5.0 Datasheet HTML 5Page - Formosa MS SMBJ5.0 Datasheet HTML 6Page - Formosa MS SMBJ5.0 Datasheet HTML 7Page - Formosa MS SMBJ5.0 Datasheet HTML 8Page - Formosa MS SMBJ5.0 Datasheet HTML 9Page - Formosa MS SMBJ5.0 Datasheet HTML 10Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
21
0U 01
2U
02U
022U
01
25
025
022
02
01
2
21
0
2
34 42 74 022 034 042 074 322
022
74
42
34
2
A0
?1
0C+#*
N(*
,+/+.#$
0
)?'(.;+
A0
?1
3C(*
,++.#$
0
)?'(.;+
(*
,+M0
1$
-9$
1",+@2
35B0
+)$%+58+.#$
(.+9%3"V'2
))C.+8+$
0
$
0
;+
8(*
,+/#;+6
.5
,-/)0
)A0
?16
%3&34V'
nopqorsuv
wxy{|}~€
~‚ƒ„…
‚
}†w‡ˆˆ|„|
‰Š‹Œ‰Ž

Ž‘
’“”
•
–—“–™š›“œ“š”
œ•
ž”
•
ššŸœ ž¡¢£¤¥¢§¨©§¢ª
«
¬­®¯¬±²³
±¬´
µ
¶·¸¹¶»¼½
»¶¾
¿
ÀÁÂÃÀÅÆÇ
ÅÀÈ
É
ÊËÌÍÊÏÐÑ
ÏÊÒ
Ó
ÔÕÖ×ÔÙÚÛ
ÙÔÜ
8
%
8
)*+,
71-
'1-
"3$
00.

*
***/,12345
678
942:32;
<4=
>>?
9<;
,41@
AB
CDB
AE@
,A45
@
F4A
2,B
C496@
FB1C474B
C4942:
G<774FBA4G2H,B
6IJK
J
LM
J
NM
J
OM
J
PM
J
LIJ
LJJ
IJ
J
(
2
Q0"-
3R1'3

8
(
3U8VX
(
2 Y9(
1-Z"#8
(
#T191(
8
1#3
*
5 5* [5 ** 5 5* [5 **
5
**
Q
[5

5*

5
*
(
2
5\8
31%Y\8
18
30 3!318
(
#2T"'3
31%39318
"3UV]TX
^_`abcd_a
fg
hijfg
hikljl^^m
n_oocpoqdrb_
cqnsbcp^t
aqu
*vw3(
8
(
'3
(
#%"8
(
'3-
1%

*
**
(
2
.1x(
"y#&3938
(
8
(
'3
 1%\"23T"3#8
y"z3TY-
318*vw

Q(
#2-
371-
(
#3 1'3
**
**
5*
Q*
*
*
****
***
**
*


*
*
**
***
31S% #{-
8
123U{&V{-
8
X
‚ƒ
„…ƒ
†‡ˆ‰
ƒ
Š‹Œ‘
’‹ƒ
„…ƒ
†‡ˆ‰
ƒ
Š‹Œ‘
“#(
„%(
38
(
#1-”{
&R.
‚ƒ
„…ƒ
†‡ˆ‰
ƒ
Š‹Œ”
•–—
Z)5]T

)
*.vw
{(
2)5*{99
Page 6
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121838
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Similar Part No. - SMBJ5.0

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ5.0 JGD-SMBJ5.0 Datasheet
301Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SMBJ5.0 DCCOM-SMBJ5.0 Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMBJ5.0 EIC-SMBJ5.0 Datasheet
110Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
SMBJ5.0 GE-SMBJ5.0 Datasheet
77Kb / 4P
SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMBJ5.0 MCC-SMBJ5.0 Datasheet
410Kb / 5P
Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results

Similar Description - SMBJ5.0

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
SMD Transient Voltage Suppressor
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
SMD Transient Voltage Suppressor
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
SMD Transient Voltage Suppressor
logo
Comchip Technology
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com