Electronic Components Datasheet Search
  English  ▼

X  

SMBJ5.0 Datasheet(PDF) 2 Page - Formosa MS

Part # SMBJ5.0
Description  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMBJ5.0 Datasheet(HTML) 2 Page - Formosa MS

  SMBJ5.0 Datasheet HTML 1Page - Formosa MS SMBJ5.0 Datasheet HTML 2Page - Formosa MS SMBJ5.0 Datasheet HTML 3Page - Formosa MS SMBJ5.0 Datasheet HTML 4Page - Formosa MS SMBJ5.0 Datasheet HTML 5Page - Formosa MS SMBJ5.0 Datasheet HTML 6Page - Formosa MS SMBJ5.0 Datasheet HTML 7Page - Formosa MS SMBJ5.0 Datasheet HTML 8Page - Formosa MS SMBJ5.0 Datasheet HTML 9Page - Formosa MS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
0123456
247944

 
!
"#$#%&'
()')*
+,! ,( 
-.+/,
0.(1223456789:;'='%).
>?,
@"AB#C'
D



$E#)FB//G
H
IJKLJMNPQRS
T
UN
WJXT
YQY ZJRT
UM[\/])&
/
 -

(^

_
+/`/>>`
Ea$!
!
Ea
+b+^$




+b+-
-

,

+^$




?
-!


-c^C

.

.

-
^

(F'G
F'''d^eD

a
F)fc
.=F
, 
C
-
@a!

+
++
!
++

g

h
0
/
/
E
*''
 
F
&=
'
#&&ijF&'
k=
&G
&=
'
lNJRQZN[
*''0 b-
^ 



,^

(F'G
F''' 
^eD





\-
,,
_'=
'Fm=
"^D


-D
-










n =
>?



. 



,=
"^

-.

=
c

D
'C
CH`
,


,

(
FD
-
#


f&D
 
#



,=
h

e
(
o
-

=
"#D

`pq-

=
r
sttu vQZwJKNWPQURxZJU[T
NURyPS
RJMN
vQzzZN[[PZ[{|}
ty{~~ty
‚ƒ„†‡ˆ‰ƒˆŠ‹Œˆ‚ŽŒˆˆ‚
E

.
-
^

(F'G
F'''r^eD

E
]%&‘’‡
‚“
"
=
k
.
p
D
#0e
a
k
&'/
c@
#$


,E
,‘’‡
‚”
+
\/C_
!
c
!
c
C
c
E
C
0
F''
#&&ijF&'
E
a
F=a#



e--
c
.=k
 e])&Ž•‚ˆ†–
—“
/
)=-
D'=
)˜?'=
)˜\&=
'?&=
'_c
.&
k=-=
k
.
(
D
#^eq-
e
q-^e-
,,
]B-

-
?
-
B™C›k™
&CD
C ›)''CC›&™
'CD
C œ)'FC™
c
H`
c
H`
žŸ ž¡¢¤¥
¦§¨ª«¬­®¯
°­±²³´
±
¬µ°¦¶··«°®®³«
¸¹º»¸½¾
¿
½À
ÂÃÄÅÅÆÇÉÊËÉÆÌÍÆÎÏÐÑÒÓÔÕÖ×ØÙÚÛÜØØÝÔÜÞßØàáâãäåæáçèÚÓá
5678
9

Dimensions in inches and (millimeters)
0.086 (2.20)
0.071 (1.80)
0.183(4.65)
0.167(4.25)
0.151(3.84)
0.126(3.20)
0.060(1.52)
0.030(0.76)
0.220(5.59)
0.205(5.21)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.093(2.35)
0.081(2.05)
Page 2
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121838
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Similar Part No. - SMBJ5.0

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ5.0 JGD-SMBJ5.0 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ5.0 MICROSEMI-SMBJ5.0 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMBJ5.0 SOCAY-SMBJ5.0 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
UN Semiconducctor INC
SMBJ5.0 UNSEMI-SMBJ5.0 Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Socay Electornics Co., ...
SMBJ5.0 SOCAY-SMBJ5.0 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMBJ5.0

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com