Electronic Components Datasheet Search
  English  ▼

X  

SMCJ5.0 Datasheet(PDF) 2 Page - Formosa MS

Part # SMCJ5.0
Description  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMCJ5.0 Datasheet(HTML) 2 Page - Formosa MS

  SMCJ5.0 Datasheet HTML 1Page - Formosa MS SMCJ5.0 Datasheet HTML 2Page - Formosa MS SMCJ5.0 Datasheet HTML 3Page - Formosa MS SMCJ5.0 Datasheet HTML 4Page - Formosa MS SMCJ5.0 Datasheet HTML 5Page - Formosa MS SMCJ5.0 Datasheet HTML 6Page - Formosa MS SMCJ5.0 Datasheet HTML 7Page - Formosa MS SMCJ5.0 Datasheet HTML 8Page - Formosa MS SMCJ5.0 Datasheet HTML 9Page - Formosa MS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
0123456
2478494






!" 
 
!
#
$%
&#

!' 
 

%! 
(
 
")
'&*+,%"
- ../
0 
#

)
#
$
($
- (
" 1
#
20 !#

#
3
4#
2-
5
.62
7
7
7
7
7
7
*8.93:;'"
3  #


<42=4>1@A97
6
51
04C6
DAD E496
5>FG3&&H.,
3
1
!! 
-I#
! 
J
03K3"&K
8L*)
&)
8L'
0M0 I*#
!!#

#

0M01
!$1
'
'

0 I*#
!!#

#

"#
1)
!

 1!N I 

2
'
2
 
1
I#

-9;
91!IO
%
L 
9%.PN#
259
'( 

1
L)
&
0
00"
)
00"
&
Q
&
'&R
4
3
3
8
9,
'&(

/5
,
,,ST9,
65
,;
,5

U149AE1F
4 M 1
! I$ (#

#

I#

-9;
91!
IO
% 
#

#

G1
$$
J5
9V5
$

$
 #
2$ (#

#

5
 I#
$
!12!#
!
$5
N!! !
#

 
:K%
 #
$


!!
-
9 !
1#
#
$
#
P,!
(#
#
$
#

 !5
R
!! !!#
O
$-#
W
1$
#
5

 
!K X'Y1#

!5
'1

#
ZXZ#
#
$
!X
2
 
!%5'" Q,5
3X5
7
7
7
7
7
7
9,
7
[\]]^ _AE`4210@A59aE45F6
159b@7
94>1
_AccE1FF@EFd\e
]bdff]b
0MN I'12 1
8 
#
2& 
1
I#

-9;
91!IO

&H+,

8
%L 
.
g5
6!'#
2
X
'#
4O%
L 
6
93
N #
*#
$
#
& !8
L 

0
"G3J
)
N'"
)
N'"

N
8

4
.
,,ST9,
L 
95L  
#

#
O$1 1
!% N#
256
( O&H.,
.5" 1
 $   
N#
2,
65"!1 g5
6!!#
2
-
!#
IO Y1#
O
!Y1IO%1
$$
H 1
!! #
1
#
1
3
8
N#
25.
5
695
69ZGg5
g5
J
 i65
, 
 i. i,5
 

.9
j
N
:K
N
:K k
_0lm_1E61F
noprstuvw
xuyz{|
y
t}xn~sxvv{s
U@ED@F40_
Ÿ ¡¢
£¤¥
¦§¨©ª
Dimensions in inches and (millimeters)
0.112 (2.85)
0.124 (3.15)
0.270(6.85)
0.310(7.75)
0.217(5.50)
0.240(6.10)
0.087(2.2)
0.102(2.6)
0.030(0.76)
0.050(1.27)
0.309(7.85)
0.335(8.51)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
Page 2
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121837
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Similar Part No. - SMCJ5.0

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SMCJ5.0 JUXING-SMCJ5.0 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SMCJ5.0 DCCOM-SMCJ5.0 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Jiangsu High diode Semi...
SMCJ5.0 HDSEMI-SMCJ5.0 Datasheet
1Mb / 7P
   SMC Plastic-Encapsulate Diodes
logo
UNIOHM CORPORATION
SMCJ5.0 UNIOHM-SMCJ5.0 Datasheet
359Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SMCJ5.0 TSC-SMCJ5.0 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ5.0

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com