Electronic Components Datasheet Search
  English  ▼

X  

PCIF0 Datasheet(PDF) 168 Page - ATMEL Corporation

Part # PCIF0
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF0 Datasheet(HTML) 168 Page - ATMEL Corporation

Back Button PCIF0 Datasheet HTML 164Page - ATMEL Corporation PCIF0 Datasheet HTML 165Page - ATMEL Corporation PCIF0 Datasheet HTML 166Page - ATMEL Corporation PCIF0 Datasheet HTML 167Page - ATMEL Corporation PCIF0 Datasheet HTML 168Page - ATMEL Corporation PCIF0 Datasheet HTML 169Page - ATMEL Corporation PCIF0 Datasheet HTML 170Page - ATMEL Corporation PCIF0 Datasheet HTML 171Page - ATMEL Corporation PCIF0 Datasheet HTML 172Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 294 page
background image
168
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
15.4.1
LIN Overview
The LIN/UART controller is designed to match as closely as possible to the LIN software appli-
cation structure. The LIN software application is developed as independent tasks, several
slave tasks and one master task (c.f. Section 15.3.4 on page 167). The Atmel
® AVR® con-
forms to this perspective. The only link between the master task and the slave task will be at
the cross-over point where the interrupt routine is called once a new identifier is available.
Thus, in a master node, housing both master and slave task, the Tx LIN Header function will
alert the slave task of an identifier presence. In the same way, in a slave node, the Rx LIN
Header function will alert the slave task of an identifier presence.
When the slave task is warned of an identifier presence, it has first to analyze it to know what
to do with the response. Hardware flags identify the presence of one of the specific identifiers
from 60 (0x3C) up to 63 (0x3F).
For LIN communication, only four interrupts need to be managed:
• LIDOK: New LIN identifier available,
• LRXOK: LIN response received,
• LTXOK: LIN response transmitted,
• LERR: LIN Error(s).
The wake-up management can be automated using the UART wake-up capability and a node
sending a minimum of 5 low bits (0xF0) for LIN 2.1 and 8 low bits (0x80) for LIN 1.3. Pin
change interrupt on LIN wake-up signal can be also used to exit the device of one of its sleep
modes.
Extended frame identifiers 62 (0x3E) and 63 (0x3F) are reserved to allow the embedding of
user-defined message formats and future LIN formats. The byte transfer mode offered by the
UART will ensure the upwards compatibility of LIN slaves with accommodation of the LIN
protocol.
15.4.2
UART Overview
The LIN/UART controller can also function as a conventional UART. By default, the UART
operates as a full duplex controller. It has local loop back circuitry for test purposes. The UART
has the ability to buffer one character for transmit and two for receive. The receive buffer is
made of one 8-bit serial register followed by one 8-bit independent buffer register. Automatic
flag management is implemented when the application puts or gets characters, thus reducing
the software overhead. Because transmit and receive services are independent, the user can
save one device pin when one of the two services is not used. The UART has an enhanced
baud rate generator providing a maximum error of 2% whatever the clock frequency and the
targeted baud rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com