Electronic Components Datasheet Search
  English  ▼

X  

PCIF0 Datasheet(PDF) 177 Page - ATMEL Corporation

Part # PCIF0
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF0 Datasheet(HTML) 177 Page - ATMEL Corporation

Back Button PCIF0 Datasheet HTML 173Page - ATMEL Corporation PCIF0 Datasheet HTML 174Page - ATMEL Corporation PCIF0 Datasheet HTML 175Page - ATMEL Corporation PCIF0 Datasheet HTML 176Page - ATMEL Corporation PCIF0 Datasheet HTML 177Page - ATMEL Corporation PCIF0 Datasheet HTML 178Page - ATMEL Corporation PCIF0 Datasheet HTML 179Page - ATMEL Corporation PCIF0 Datasheet HTML 180Page - ATMEL Corporation PCIF0 Datasheet HTML 181Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 294 page
background image
177
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
15.5.7.2
Data Length in LIN 1.3
• LRXDL and LTXDL fields are both hardware updated before setting LIDOK by decoding the
data length code contained in the received PROTECTED IDENTIFIER (LRXDL = LTXDL).
• Via the above mechanism, a length of 0 or >8 is not possible.
15.5.7.3
Data Length in Rx Response
Figure 15-9. LIN2.1 - Rx Response - No error
• The user initializes LRXDL field before setting the Rx Response command,
• After setting the Rx Response command, LTXDL is reset by hardware,
• LRXDL field will remain unchanged during Rx (during busy signal),
• LTXDL field will count the number of received bytes (during busy signal),
• If an error occurs, Rx stops, the corresponding error flag is set and LTXDL will give the
number of received bytes without error,
• If no error occurs, LRXOK is set after the reception of the CHECKSUM, LRXDL will be
unchanged (and LTXDL = LRXDL).
15.5.7.4
Data Length in Tx Response
Figure 15-10. LIN1.3 - Tx Response - No error
• The user initializes LTXDL field before setting the Tx Response command,
• After setting the Tx Response command, LRXDL is reset by hardware,
• LTXDL will remain unchanged during Tx (during busy signal),
• LRXDL will count the number of transmitted bytes (during busy signal),
DATA-0
DATA-1
DATA-2
DATA-3
CHECKSUM
LINDLR=0x?4
LCMD2..0=000b
LIN bus
LRXDL (*)
4
1
?0
LBUSY
LTXDL (*)
234
1st Byte
2 nd Byte
3 rd Byte
4 th Byte
LIDOK
LRXOK
LCMD=Rx Response
(*) : LRXDL & LTXDL updated by user
DATA-0
DATA-1
DATA-2
DATA-3
CHECKSUM
LCMD2..0=000b
LIN bus
LBUSY
1st Byte
2 nd Byte
3 rd Byte
4 th Byte
LIDOK
LTXOK
1
40
LRXDL (*)
234
LCMD=Tx Response
(*) : LRXDL & LTXDL updated by Rx Response or Tx Response task
LTXDL (*)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com