Electronic Components Datasheet Search
  English  ▼

X  

PCIF0 Datasheet(PDF) 201 Page - ATMEL Corporation

Part # PCIF0
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF0 Datasheet(HTML) 201 Page - ATMEL Corporation

Back Button PCIF0 Datasheet HTML 197Page - ATMEL Corporation PCIF0 Datasheet HTML 198Page - ATMEL Corporation PCIF0 Datasheet HTML 199Page - ATMEL Corporation PCIF0 Datasheet HTML 200Page - ATMEL Corporation PCIF0 Datasheet HTML 201Page - ATMEL Corporation PCIF0 Datasheet HTML 202Page - ATMEL Corporation PCIF0 Datasheet HTML 203Page - ATMEL Corporation PCIF0 Datasheet HTML 204Page - ATMEL Corporation PCIF0 Datasheet HTML 205Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 294 page
background image
201
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
17.2.2
Current Source for Low Cost Transducer
An external transducer based on a variable resistor can be connected to the Current Source.
This can be, for instance:
• A thermistor, or temperature-sensitive resistor, used as a temperature sensor,
• A CdS photoconductive cell, or luminosity-sensitive resistor, used as a luminosity sensor,
•...
Using the Current Source with this type of transducer eliminates the need for additional parts
otherwise required in resistor network or Wheatstone bridge.
17.2.3
Voltage Reference for External Devices
An external resistor used in conjunction with the Current Source can be used as voltage refer-
ence for external devices. Using a resistor in series with a lower tolerance than the Current
Source accuracy (
≤ 2%) is recommended. Table 17-2 gives an example of voltage references
using standard values of resistors.
17.2.4
Threshold Reference for Internal Analog Comparator
An external resistor used in conjunction with the Current Source can be used as threshold ref-
erence for internal Analog Comparator (See ”AnaComp - Analog Comparator” on page 222.).
This can be connected to AIN0 (negative Analog Compare input pin) as well as AIN1 (positive
Analog Compare input pin). Using a resistor in series with a lower tolerance than the Current
Source accuracy (
≤ 2%) is recommended. Table 17-2 gives an example of threshold refer-
ences using standard values of resistors.
17.3
Control Register
17.3.1
AMISCR – Analog Miscellaneous Control Register
• Bit 0 – ISRCEN: Current Source Enable
Writing this bit to one enables the Current Source as shown in Figure 17-1. It is recommended
to use DIDR register bit function when ISRCEN is set. It also recommended to turn off the Cur-
rent Source as soon as possible (e.g. once the ADC measurement is done).
Bit
7
6
5432
10
-
-
-
-
-
AREFEN
XREFEN
ISRCEN
AMISCR
Read/Write
RRRR
R
R/W
R/W
R/W
Initial Value
0
0
0000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com