Electronic Components Datasheet Search
  English  ▼

X  

PCIF0 Datasheet(PDF) 254 Page - ATMEL Corporation

Part # PCIF0
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF0 Datasheet(HTML) 254 Page - ATMEL Corporation

Back Button PCIF0 Datasheet HTML 250Page - ATMEL Corporation PCIF0 Datasheet HTML 251Page - ATMEL Corporation PCIF0 Datasheet HTML 252Page - ATMEL Corporation PCIF0 Datasheet HTML 253Page - ATMEL Corporation PCIF0 Datasheet HTML 254Page - ATMEL Corporation PCIF0 Datasheet HTML 255Page - ATMEL Corporation PCIF0 Datasheet HTML 256Page - ATMEL Corporation PCIF0 Datasheet HTML 257Page - ATMEL Corporation PCIF0 Datasheet HTML 258Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 294 page
background image
254
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
23. Electrical Characteristics
23.1
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
All values are valid for the Atmel® AVR® microcontroller. The parameters for the reader/writer front end are listed in Section 23.7 “Front
End Reader/Writer” on page 260.
Parameter
Value
Operating Temperature
–40°C to +85°C
Storage Temperature
–55°C to +125°C
Voltage on any Pin except RESET with respect to Ground
–0.5V to Vcc+0.5V
Voltage on RESET with respect to Ground
–0.5V to +13.0V
Voltage on Vcc with respect to Ground
–0.5V to 6.0V
DC Current per I/O Pin
DC Current Vcc and GND Pins
Injection Current at VCC = 0V to 5V(2)
40.0mA
200.0mA
±5.0mA(1)
Notes:
1. Maximum current per port = ±30mA
2. Functional corruption may occur



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com