Electronic Components Datasheet Search
  English  ▼

X  

PCIF0 Datasheet(PDF) 289 Page - ATMEL Corporation

Part # PCIF0
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF0 Datasheet(HTML) 289 Page - ATMEL Corporation

Back Button PCIF0 Datasheet HTML 285Page - ATMEL Corporation PCIF0 Datasheet HTML 286Page - ATMEL Corporation PCIF0 Datasheet HTML 287Page - ATMEL Corporation PCIF0 Datasheet HTML 288Page - ATMEL Corporation PCIF0 Datasheet HTML 289Page - ATMEL Corporation PCIF0 Datasheet HTML 290Page - ATMEL Corporation PCIF0 Datasheet HTML 291Page - ATMEL Corporation PCIF0 Datasheet HTML 292Page - ATMEL Corporation PCIF0 Datasheet HTML 293Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 294 page
background image
289
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
28. Application Examples
Please refer to the following pages for examples of typical applications based on the Atmel
®
ATA5505 device.
Figure 28-1. Atmel ATA5505 Reader with SPI
0.1µF
C13
330pF
TN2404K
C6
4700pF
100V
1000pF
100V, COG
C5
680pF
100V
C16
INPUT
1000pF
100V, COG
C9
C12
2200pF
100V
C17
L1
735µH
0.1µF
C14
0.22µF
C11
R3
4.7k
Ω
R12
390k
Ω
R5
68k
Ω
R4
100k
Ω
R9
75k
Ω
R8
43k
Ω
R10
24
Ω
27
26
23
22
25
24
31
30
29
28
5
6
9
10
7
8
1
2
3
4
PA5
PA6
TUNE
TUNE
RST
CFE
VS
VS
GND
GND
SS
SCK
MISO
MOSI
D3
VS
2
3
3
1
1
3
5
2
4
6
BAV23C
Feedback Circuit
Tank Circuit
Input Circuit
BAV21WS
U1
Atmel
ATA5505
D5
BAV23A
VS
GND
GND
GND
Q1
GND
Coil2
D6
Coil1
GND
GND
GND
OUTPUT
GND
VS
GND
PA7
MISO
ISP
J5
SCK
RST
V+
MOSI
GND
PB7/RST
PB6
PB5
PB4/XTAL
VDD
OUTPUT
OE
INPUT
MS
GND
PA1
PA0
PB0
PB1
PB2
PB3
RF
GAIN
VS
STBY
VBAT
21
11
20
12
1000pF
100V, COG
C8
2
1
12
R11
1k
Ω
125kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com