Electronic Components Datasheet Search
  English  ▼

X  

ADE10 Datasheet(PDF) 140 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 140 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 136Page - Tyco Electronics ADE10 Datasheet HTML 137Page - Tyco Electronics ADE10 Datasheet HTML 138Page - Tyco Electronics ADE10 Datasheet HTML 139Page - Tyco Electronics ADE10 Datasheet HTML 140Page - Tyco Electronics ADE10 Datasheet HTML 141Page - Tyco Electronics ADE10 Datasheet HTML 142Page - Tyco Electronics ADE10 Datasheet HTML 143Page - Tyco Electronics ADE10 Datasheet HTML 144Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 326 page
background image
APA Series
D16
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
D
Pushbutton Switches, .120 Actuator, Straight
DPST/DPDT
APA2MGPC
.200
(5.08)
Bushing
.130
(3.30)
DIA.
.043
(1.09)
DIA. TYP.
.100
(2.54)
TYP.
.120
(3.00)
.097
(2.46)
DIA.
.050
(1.20)
TRAVEL
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.300
(7.62)
.376
(9.55)
1
2
3
4
5
6
.130
(3.30)
.315
(8.00)
.040
(1.02)
Part Number
Tyco
Alcoswitch
Type
Action
Electronics
1437567-2
APA1BGPC
SPST
N.C. Momentary
1-3
(—)
1437567-3
APA1CGPC
SPST
N.O. Momentary
—
(1-3)
1437567-5
APA1FGPC
SPDT
Momentary
2-3
(2-1)
Note: No center terminals on "B" or "C" action switches.
Part Number
Tyco
Alcoswitch
Type
Action
Electronics
—
APA2LGPC
DPST N.C. Momentary
1-3, 4-6
(—)
1437567-7
APA2MGPC
DPST N.O. Momentary
—
(1-3, 4-6)
1437567-9
APA2RGPC
DPDT Momentary
2-3, 5-6
(2-1, 5-4)
Note: No center terminals on "L" or "M" action switches.
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................0.4 VA Max. @ 20 VDC or peak AC
Initial Contact Resistance ........50 Milliohms max.
Contact Timing ........................Break-before-make
Insulation Resistance ..............1,000 Megohms @ 500 VDC min.
Dielectric Strength ..................500 Volts RMS @ sea level
Actuator Travel.........................050" (1.27)
Life Expectancy ......................Up to 10,000 Cycles
MATERIAL SPECIFICATIONS:
Contacts ..................................Gold plate
Case Material ..........................Polyester
Actuator Material ....................Polyester, black
Terminal Seal ..........................Epoxy
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-4°F to +176°F (-20°C to +80°C)
Storage Temperature................-40°F to +176°F (-40°C to +80°C)
SPST/SPDT
APA1BGPC
.100
(2.54)
DIA.
Bushing
.130
(3.30)
DIA.
.043
(1.09)
DIA. TYP.
.040
(1.02)
.097
(2.46)
DIA.
.050
(1.20)
TRAVEL
.020
(0.51)
.100
(2.54)
TYP.
.200
(5.08)
.376
(9.55)
.024
(0.60)
TYP.
1
2
3
.130
(3.30)
.315
(8.00)
.120
(3.00)
®
FOR SEALED VERSIONS SEE PAGES D19 AND D20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com