Electronic Components Datasheet Search
  English  ▼

X  

ADE10 Datasheet(PDF) 179 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 179 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 175Page - Tyco Electronics ADE10 Datasheet HTML 176Page - Tyco Electronics ADE10 Datasheet HTML 177Page - Tyco Electronics ADE10 Datasheet HTML 178Page - Tyco Electronics ADE10 Datasheet HTML 179Page - Tyco Electronics ADE10 Datasheet HTML 180Page - Tyco Electronics ADE10 Datasheet HTML 181Page - Tyco Electronics ADE10 Datasheet HTML 182Page - Tyco Electronics ADE10 Datasheet HTML 183Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 326 page
background image
F4
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
F
TRD Series
Rocker/Paddle Switches, TRD Series Options
0.4VA Max. @ 20 VDC
Movable Contact:
Copper alloy, gold plate
Fixed Contact/Terminal:
Copper alloy, gold plate
.030
(0.76)
W.
.020
(0.51)
THK.
.200
(5.08)
.150
(3.81)
x
.100
(2.54)
TYP.
.018
(0.46)
TYP.
WL
QC
PC
.040
(1.02)W
.080
(2.03)L
x
OBLONG HOLE
TYP.
.130
(3.30)
.160
(4.06)
.080
(2.03)W
.020
(0.51) THK.
x
OBLONG HOLE TYP.
EPOXY
.280
(7.11)
.160
(4.06)
.080
(2.03)
.095
(2.41)
EPOXY
.250
(6.35)
.500
(12.7)
.472
(11.9)
.125
(3.17)
.472
(11.9 )
.472
(11.9)
.440
(11.1)
FLATTED
.400
(10.1)
SLOTTED
Recommended panel thickness:
.030" to .125"
Material: bright stainless steel
To specify adaptor separately,
use P/N TRD10793
Standard TRD bushing will mount in any hole shown below.
15/32" HOLE STANDARD
1/2" SQUARE CUTOUT SNAP-IN ADAPTOR
5
(Epoxy seal standard)
TERMINATIONS
Standard mounting dimensions apply, L.E.D. supplied in
red,
green, or
red/green.
L.E.D. Specifications: Max Voltage: 2.8 VDC
Max. Forward Current: red-20mA, green-25 mA, red/green-40 mA.
2
5
25
.550
(14.0)
.070
(1.77)
.150
(3.81)
.820
(20.8)
.200
(5.08)
.100
(2.54)
TYP.
.740
(18.8)
.377
(9.58)
.265
(6.73)
.750
(19.1)
.150
(3.81)
.508
(12.9)
23
°
ANODE
CATHODE
.150
(3.81)
.755
(19.2)
.025
(.635)
TYP.
.100
(2.54)
TYP.
.715
(18.2)
.840
(21.3)
.377
(9.58)
.345
(8.76)
.130
(3.30)
.040
(1.02)
.065
(1.65)
.080
(2.03)
.078
(1.98)
.080
(2.03)
.006
(.152)
.265
(6.73)
.508
(12.9)
23
°
RED
CATHODE
COMMON
GREEN
15/32-32 UNS-2A
3A Max. @ 125 VAC
Movable Contact:
Copper alloy, silver inlay
Fixed Contact/Terminal:
Copper alloy, silver inlay
3
CONTACT/RATING/UL RECOGNITION
L.E.D. ILLUMINATION -
SINGLE AND BI-COLOR
L.E.D. Integral
(Rocker Actuator)
All SPDT functions
(TRD1 Model)
LR
1
Recommended
panel thickness:
.030" to .250"
One hex nut, one internal
tooth lock-washer supplied.
Wire Lug
Quick Connect
.110" (.020 thick)
Mates with standard
.110" female connectors
Printed Circuit
.043
(1.09) Dia. Typ.
.100
(2.54)
Typ.
SINGLE POLE
.043
(1.09) Dia. Typ.
.100
(2.54)
Typ.
.200
(5.08)
DOUBLE POLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com