Electronic Components Datasheet Search
  English  ▼

X  

ADE10 Datasheet(PDF) 195 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 195 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 191Page - Tyco Electronics ADE10 Datasheet HTML 192Page - Tyco Electronics ADE10 Datasheet HTML 193Page - Tyco Electronics ADE10 Datasheet HTML 194Page - Tyco Electronics ADE10 Datasheet HTML 195Page - Tyco Electronics ADE10 Datasheet HTML 196Page - Tyco Electronics ADE10 Datasheet HTML 197Page - Tyco Electronics ADE10 Datasheet HTML 198Page - Tyco Electronics ADE10 Datasheet HTML 199Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 326 page
background image
F20
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
F
Gemini Series Rocker/Paddle Switches
Rocker/Paddle Switches, AE Series, Process Sealed, Options
Option Code
Dim."A"
V3
.460 (11.68)
V4
.630 (16.00)
Option Code
Dim."A"
V3
.460 (11.68)
V4
.630 (16.00)
Vertical Support Bracket
Double Pole
V4
Vertical Support Bracket
Single Pole
3
2
.125
(3.18)
TYP.
.370
(9.40)
.620
(15.75)
.170
(4.32)
.020
(.508)
TYP.
.185
(4.70)
TYP.
.620
(15.75)
.030
(.762)
TYP.
EPOXY
SEAL
“A”
.050
(1.27)
.320
(8.13)
.125
(3.18)
.048
(1.22)
TYP.
.185
(4.70)
1
.170
(4.32)
.020
(.508)
TYP.
.185
(4.70)
TYP.
.620
(15.75)
TYP.
.030
(.762)
TYP.
Epoxy
Seal
“A”
.320
(8.13)
.125
(3.18)
.048
(1.22)
.185
(4.70)
3
2
1
6
5
4
.125
(3.18)
TYP.
.190
(4.83)
.370
(9.40)
.073
(1.85)
DIA.
.620
(15.75)
.073
(1.85)
DIA.
TYP.
CONTACTS
B
Q
TERMINALS: Copper alloy wtih
tin/lead plate.
ELECTRICAL RATING: 5 amps @
125 VAC, 2 amps @ 250 VAC, 2 amps
@ 30 VDC.
UL/CSA RATING: 5A @ 125 VAC, 3
@ 250 VAC (Specify "UL" option code)
G
CONTACTS: Copper alloy with
gold plate, welded button.
CONTACTS: Copper alloy with
silver, welded button.
CONTACTS: Copper alloy with gold plate over silver,
welded button.
TERMINALS: Copper alloy wtih gold plate.
ELECTRICAL RATING: 0.4 VA @ 20 VAC/DC or 5 amps @ 125 VAC,
2 amps @ 250 VAC, 2 amps @ 30 VDC.
Note: This contact option can be used for low-level or power switching. If
level is above 0.4 VA @ 20 VAC/DC, the switch is rendered usable only for
power switching due to arc-removal of gold plate.
UL/CSA RATING: 5A @ 125 VAC, 3 @ 250 VAC (Specify "UL"
option code)
TERMINALS: Copper alloy with
gold plate.
ELECTRICAL RATING: 0.4VA
@ 20 VAC/DC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com